công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSMB-LP-196U-CF bảng dữ liệu(PDF) 4 Page - DDK Ltd.

tên linh kiện SSMB-LP-196U-CF
Giải thích chi tiết về linh kiện  Low Profile Push-On Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DDK [DDK Ltd.]
Trang chủ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB-LP-196U-CF bảng dữ liệu(HTML) 4 Page - DDK Ltd.

  SSMB-LP-196U-CF Datasheet HTML 1Page - DDK Ltd. SSMB-LP-196U-CF Datasheet HTML 2Page - DDK Ltd. SSMB-LP-196U-CF Datasheet HTML 3Page - DDK Ltd. SSMB-LP-196U-CF Datasheet HTML 4Page - DDK Ltd. SSMB-LP-196U-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
SSMB Series
4
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(1)
RG-196A/U
Ferule
Heat-shrinkable Tube
Outer Conductor
Insulator
Center Conductor
Body
Dies
0.5∼1
0∼1
Soldering
Soldering
Contact
No gap
Plate
Insulator
Contact
Heat-shrinkable Tube
Connector
Heat-shrinkable Tube
(SP)
(LP)
A
B
C
Center conductor must be
located between contact slit.
Press the plate more than 0.1.
(LP)
(SP)
RG-196A/U
Ferule
Heat-shrinkable Tube
Outer Conductor
Insulator
Center Conductor
Body
Dies
0.5∼1
0∼1
Soldering
Soldering
Contact
No gap
Plate
Insulator
Contact
Heat-shrinkable Tube
Connector
Heat-shrinkable Tube
(SP)
(LP)
A
B
C
Center conductor must be
located between contact slit.
Press the plate more than 0.1.
(LP)
(SP)
RG-196A/U
Ferule
Heat-shrinkable Tube
Outer Conductor
Insulator
Center Conductor
Body
Dies
0.5∼1
0∼1
Soldering
Soldering
Contact
No gap
Plate
Insulator
Contact
Heat-shrinkable Tube
Connector
Heat-shrinkable Tube
(SP)
(LP)
A
B
C
Center conductor must be
located between contact slit.
Press the plate more than 0.1.
(LP)
(SP)
RG-196A/U
Ferule
Heat-shrinkable Tube
Outer Conductor
Insulator
Center Conductor
Body
Dies
0.5∼1
0∼1
Soldering
Soldering
Contact
No gap
Plate
Insulator
Contact
Heat-shrinkable Tube
Connector
Heat-shrinkable Tube
(SP)
(LP)
A
B
C
Center conductor must be
located between contact slit.
Press the plate more than 0.1.
(LP)
(SP)
Part Number
A
B
C
SSMB-SP-196U-CF
6
8.5
10.5
SSMB-LP-196U-CF
6
8.5
9.5
SSMB-LP-0.8DQEV-CF
6
8.5
9.5
① Cable cutting
Insert the heat-shrinkable tube and ferule into
the cable and cut the cable as left figure.
② Crimping outer conductor
Stretch the outer conductor of cable, insert
the body and crimp the ferule on the outer
conductor by dies.
①
②
③
④
③ Soldering contact
 Solder the contact with center conductor
of the cable.
④ Assemble connector
 Insert the insulator and screw the shell.
 (Recommended screw torque : 49N/㎝).
 In case of LP style,
insert the plate and press it
into the connector.
Cover the root of connector with heat-shrinkable
tube and heat shrink.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com