| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12CE673-10I/P bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673-10I/P bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 116 page ![]() © 1998 Microchip Technology Inc. Preliminary DS40181B-page 3 PIC12CE67X 1.0 GENERAL DESCRIPTION The PIC12CE67X devices are low-cost, high-perfor- mance, CMOS, fully-static, 8-bit microcontroller with integrated analog-to-digital (A/D) converter and EEPROM data memory in the PIC12CEXXX Micro- controller family. All PICmicro™ microcontrollers employ an advanced RISC architecture. The PIC12C67X microcontrollers have enhanced core features, eight-level deep stack, and multiple internal and external interrupt sources. The separate instruction and data buses of the Harvard architecture allow a 14-bit wide instruction word with the separate 8-bit wide data. The two stage instruction pipeline allows all instructions to execute in a single cycle, except for program branches which require two cycles. A total of 35 instructions (reduced instruction set) are available. Additionally, a large register set gives some of the architectural innovations used to achieve a very high performance. PIC12C67X microcontrollers typically achieve a 2:1 code compression and a 4:1 speed improvement over other 8-bit microcontrollers in their class. The PIC12CE67X devices have 128 bytes of RAM, 16 bytes of EEPROM data memory, 5 I/O pins and 1 input pin. In addition a timer/counter is available. Also a 4- channel high-speed 8-bit A/D is provided. The 8-bit res- olution is ideally suited for applications requiring low- cost analog interface, e.g. thermostat control, pressure sensing, etc. The PIC12CE67X device has special features to reduce external components, thus reducing cost, enhancing system reliability and reducing power con- sumption. The Power-On Reset (POR), Power-up Timer (PWRT), and Oscillator Start-up Timer (OST) eliminate the need for external reset circuitry. There are five oscillator configurations to choose from, including INTRC precision internal oscillator mode and the power-saving LP (Low Power) oscillator mode. Power saving SLEEP mode, Watchdog Timer and code protection features improve system cost, power and reliability.The SLEEP (power-down) feature provides a power saving mode. The user can wake up the chip from SLEEP through several external and internal interrupts and resets. A highly reliable Watchdog Timer with its own on-chip RC oscillator provides protection against software lock- up. A UV erasable windowed package version is ideal for code development while the cost-effective One-Time- Programmable (OTP) version is suitable for production in any volume. The customer can take full advantage of Microchip’s price leadership in OTP microcontrollers while benefiting from the OTP’s flexibility. The PIC12CE67X device fits perfectly in applications ranging from security and remote sensors to appliance control and automotive. The EPROM technology makes customization of application programs (trans- mitter codes, motor speeds, receiver frequencies, etc.) extremely fast and convenient. The small footprint packages make this microcontroller series perfect for all applications with space limitations. Low cost, low power, high performance, ease of use and I/O flexibility make the PIC12CE67X very versatile even in areas where no microcontroller use has been considered before (e.g. timer functions, communications and coprocessor applications). 1.1 Family and Upward Compatibility The PIC12CE67X products are compatible with other members of the 14-Bit, PIC12C67X and PIC16CXXX families. 1.2 Development Support The PIC12CE67X device is supported by a full-fea- tured macro assembler, a software simulator, an in-cir- cuit emulator, a low-cost development programmer and a full-featured programmer. A “C” compiler and fuzzy logic support tools are also available. |