| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8422ARMZ bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8422ARMZ bảng dữ liệu(HTML) 4 Page - Analog Devices |
|
4 / 25 page ![]() Data Sheet AD8422 Rev. A | Page 3 of 24 SPECIFICATIONS SOIC PACKAGE VS = ±15 V, VREF = 0 V, V+IN = 0 V, V−IN = 0 V, TA = 25°C, G = 1, RL = 2 kΩ, unless otherwise noted. Table 1. Parameter Test Conditions/ Comments AD8422ARZ AD8422BRZ Unit Min Typ Max Min Typ Max COMMON-MODE REJECTION RATIO CMRR DC to 60 Hz with 1 kΩ Source Imbalance VCM = −10 V to +10 V G = 1 86 94 dB G = 10 106 114 dB G = 100 126 134 dB G = 1000 146 150 dB Over Temperature, G=1 T = −40°C to +85°C 83 89 dB CMRR at 10 kHz VCM = −10 V to +10 V G = 1 80 80 dB G = 10 90 95 dB G = 100 100 100 dB G = 1000 100 100 dB NOISE1 Voltage Noise, 1 kHz Input Voltage Noise, eNI VIN+, VIN−, VREF = 0 V 8 8 nV/√Hz Output Voltage Noise, eNO 80 80 nV/√Hz Peak to Peak, RTI f = 0.1 Hz to 10 Hz G = 1 2 2 μV p-p G = 10 0.5 0.5 μV p-p G = 100 to 1000 0.15 0.15 μV p-p Current Noise f = 1 kHz 90 90 110 fA/√Hz f = 0.1 Hz to 10 Hz 8 8 pA p-p VOLTAGE OFFSET2 Input Offset, VOSI VS = ±2.3 V to ±15 V 60 25 μV Over Temperature T = −40°C to +85°C 70 40 μV Average Temperature Coefficient 0.4 0.3 μV/°C Output Offset, VOSO VS = ±2.3 V to ±15 V 300 150 μV Over Temperature T = −40°C to +85°C 500 300 μV Average Temperature Coefficient 5 2 μV/°C Offset RTI vs. Supply (PSR) VS = ±2.3 V to ±18 V G = 1 90 110 100 120 dB G = 10 110 130 120 140 dB G = 100 124 150 140 160 dB G = 1000 130 150 140 160 dB INPUT CURRENT Input Bias Current VS = ±2.3 V to ±15 V 0.5 1 0.2 0.5 nA Over Temperature T = −40°C to +85°C 2 1 nA Average Temperature Coefficient 4 4 pA/°C Input Offset Current VS = ±2.3 V to ±15 V 0.2 0.3 0.1 0.15 nA Over Temperature T = −40°C to +85°C 0.8 0.3 nA Average Temperature Coefficient 1 1 pA/°C |