| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9652BBCZRL7-310 bảng dữ liệu(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9652BBCZRL7-310 bảng dữ liệu(HTML) 9 Page - Analog Devices |
|
9 / 37 page ![]() AD9652 Data Sheet Rev. B | Page 8 of 36 TimingDiagrams tPD tSKEW tCH tDCO tCLK N – 1 N + 1 N + 2 N + 3 N + 5 N + 4 N VIN±x CLK+ CLK– DCO– DCO+ tA PARALLEL INTERLEAVED CHANNEL A AND CHANNEL B CH A N – 26 CH B N – 26 CH A N – 25 CH B N – 25 CH A N – 24 CH B N – 24 CH A N – 23 CH B N – 23 CH A N – 22 D0± (LSB) CH A N – 26 CH B N – 26 CH A N – 25 CH B N – 25 CH A N – 24 CH B N – 24 CH A N – 23 CH B N – 23 CH A N – 22 D15± (MSB) Figure 2. LVDS Data Output Timing tSSYNC tHSYNC SYNC CLK± Figure 3. SYNC Timing Inputs DON’T CARE DON’T CARE DON’T CARE DON’T CARE SDIO SCLK CSB tS tDH tCLK tDS tH R/W W1 W0 A12 A11 A10 A9 A8 A7 D5 D4 D3 D2 D1 D0 tLOW tHIGH Figure 4. Serial Port Interface Timing Diagram |