công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9D011 bảng dữ liệu(PDF) 41 Page - Micron Technology

tên linh kiện MT9D011
Giải thích chi tiết về linh kiện  1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRON [Micron Technology]
Trang chủ  http://www.micron.com
Logo MICRON - Micron Technology

MT9D011 bảng dữ liệu(HTML) 41 Page - Micron Technology

Back Button MT9D011 Datasheet HTML 37Page - Micron Technology MT9D011 Datasheet HTML 38Page - Micron Technology MT9D011 Datasheet HTML 39Page - Micron Technology MT9D011 Datasheet HTML 40Page - Micron Technology MT9D011 Datasheet HTML 41Page - Micron Technology MT9D011 Datasheet HTML 42Page - Micron Technology MT9D011 Datasheet HTML 43Page - Micron Technology MT9D011 Datasheet HTML 44Page - Micron Technology MT9D011 Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
MT9D011
2-MEGAPIXEL DIGITAL IMAGE SENSOR
PRELIMINARY
09005aef81516da4
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9D011__MI2010_E_2.fm - Rev. A 11/04 EN
41
©2004 Micron Technology, Inc. All rights reserved.
Figure 21: Data from Pixel Array in Zoom 4x Mode
Figure 22: Data from Pixel Array in Zoom 8x Mode
C0
C4
C5
C6
C7
C1
C2
C3
B0
B4
B5
B6
B7
B1
B2
B3
A0
A4
A5
A6
A7
A1
A2
A3
D0
D4
D5
D6
D7
D1
D2
D3
E0
E4
E5
E6
E7
E1
E2
E3
F0
F4
F5
F6
F7
F1
F2
F3
G0
G4
G5
G6
G7
G1
G2
G3
H0
H4
H5
H6
H7
H1
H2
H3
C0
C1
C2
C3
B0
B1
B2
B3
A0
A1
A2
A3
D0
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61