công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS3M bảng dữ liệu(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

tên linh kiện GS3M
Giải thích chi tiết về linh kiện  3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Trang chủ  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GS3M bảng dữ liệu(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GS3M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GS3M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Built-in Strain Relief
Low Power Loss
Surge Overload Rating to 100A Peak
Ideally Suited for Automatic Assembly
Characteristic
Symbol
GS3A
GS3B
GS3D
GS3G
GS3J
GS3K
GS3M
Unit
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GS3A-GS3M
1 of 2
GS3A-GS3M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Features
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop
!
!
!
Mechanical Data
!
Case: Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.21 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
1.20
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
250
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
60
pF
Typical Thermal Resistance (Note 3)
RJL
13
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Classification Rating 94V-O
!
!
Plastic Case Material has UL Flammability
SMB
SMC
Dim
Min
Max
Min
Max
A
3.30
3.94
5.59
6.22
B
4.06
4.57
6.60
7.11
C
1.96
2.21
2.75
3.18
D
0.15
0.31
0.15
0.31
E
5.00
5.59
7.75
8.13
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.00
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
!
Lead Free: For RoHS / Lead Free Version
Alldatasheet


Số phần tương tự - GS3M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
GS3M GULFSEMI-GS3M Datasheet
182Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
logo
Shenzhen Taychipst Elec...
GS3M TAYCHIPST-GS3M Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
SUNMATE electronic Co.,...
GS3M SUNMATE-GS3M Datasheet
313Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
GS3M SUNMATE-GS3M Datasheet
955Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Suntan Capacitors
GS3M SUNTAN-GS3M Datasheet
267Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Mô tả tương tự - GS3M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3A DIODES-S3A_10 Datasheet
135Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 14 - 2
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3J-13-F DIODES-S3J-13-F Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3AB-13 DIODES-S3AB-13 Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
logo
Zibo Seno Electronic En...
S3ABF ZSELEC-S3ABF Datasheet
88Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF3A ZSELEC-GF3A Datasheet
72Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com