công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4211CMS bảng dữ liệu(PDF) 8 Page - Linear Technology

tên linh kiện LTC4211CMS
Giải thích chi tiết về linh kiện  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CMS bảng dữ liệu(HTML) 8 Page - Linear Technology

Back Button LTC4211CMS Datasheet HTML 4Page - Linear Technology LTC4211CMS Datasheet HTML 5Page - Linear Technology LTC4211CMS Datasheet HTML 6Page - Linear Technology LTC4211CMS Datasheet HTML 7Page - Linear Technology LTC4211CMS Datasheet HTML 8Page - Linear Technology LTC4211CMS Datasheet HTML 9Page - Linear Technology LTC4211CMS Datasheet HTML 10Page - Linear Technology LTC4211CMS Datasheet HTML 11Page - Linear Technology LTC4211CMS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
LTC4211
4211f
TYPICAL PERFOR A CE CHARACTERISTICS
VCB (FAST COMP)
vs Temperature
SLOW COMP Response Time vs
Temperature
TEMPERATURE (
°C)
–75
150
155
160
125
4211 G37
145
140
130
–25
25
75
– 50
150
0
50
100
135
170
165
VCC = 5V
SUPPLY VOLTAGE (V)
0
26
24
22
20
18
16
14
12
10
16
4211 G38
4
8
12
20
14
2
6
10
18
TA = 25°C
8-PIN VERSION
OR FILTER FLOATING
TEMPERATURE (
°C)
–75
18
20
22
125
4211 G39
16
14
10
–25
25
75
–50
150
0
50
100
12
26
24
8-PIN VERSION OR FILTER FLOATING
VCC = 15V
VCC = 3V
VCC = 12V
VCC = 5V
FAST COMP Response Time vs
Supply Voltage
SLOW COMP Response Time vs
Supply Voltage
FAST COMP Response Time vs
Temperature
FILTER High to FAULT Activation
Time vs Supply Voltage
FILTER High to FAULT Activation
Time vs Temperature
Circuit Breaker RESET Time
vs Supply Voltage
Circuit Breaker RESET Time
vs Temperature
SUPPLY VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
16
4211 G40
4
8
12
20
14
2
6
10
18
TA = 25°C
VCB = 0mV TO 200mV STEP
TEMPERATURE (
°C)
–75
400
500
600
125
4211 G41
300
200
0
–25
25
75
–50
150
0
50
100
100
800
700
VCB = 0mV TO 200mV STEP
VCC = 15V
VCC = 3V
VCC = 12V
VCC = 5V
SUPPLY VOLTAGE (V)
3.0
4.0
5.0
6.0
3.5
4.5
5.5
4
8
12
16
4211 G42
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (
°C)
–75
3.0
3.5
4.5
5.0
5.5
–25
25
50
150
4211 G43
4.0
–50
0
75 100 125
6.0
VCC = 5V
SUPPLY VOLTAGE (V)
80
120
160
200
100
140
180
4
8
12
16
4211 G44
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (
°C)
–75
80
100
140
160
180
–25
25
50
150
4211 G45
120
–50
0
75 100 125
200
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36