| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC1850IFW bảng dữ liệu(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1850IFW bảng dữ liệu(HTML) 23 Page - Linear Technology |
|
23 / 28 page ![]() 23 LTC1850/LTC1851 18501f APPLICATIO S I FOR ATIO The sequencer is accessed by taking the M1 mode pin high. With M1 high, the sequencer memory is accessed by taking the M0 mode pin low. This will cause BUSY to go low, disabling conversions during the programming and readback of the sequencer. The sequencer is reset to location 0000 whenever M1 or M0 changes state. One of these signals should be cycled prior to any read or write operation to guarantee that the sequencer will be pro- grammed or read starting at location 0000. The sequencer is programmed sequentially starting from location 0000. RD and WR should be held high, the appropriate signals applied to the DIFF pin, the A2 to A0 MUX address pins, the UNI/BIP pin and the PGA pin and WR taken low to write to the memory. The rising edge of WR will latch the data into memory and advance the pointer to the next sequencer location. Up to 16 locations can be programmed and the last location written before M0 is taken back high will be the last location in the sequence. After 16 writes, the pointer is reset to location 0000 and any subsequent writes will overwrite the previ- ous contents and start a new sequence. The sequencer memory can be read by holding WR high and driving RD. Taking RD low accesses the sequencer memory and enables the data output pins. The sequencer should be reset to location 0000 (by pulsing M0 high) before beginning a read operation. The seven output bits will be available on the DIFFOUT/S6, A2OUT/S5, A1OUT/S4, A0OUT/S3, D11/S2, D10/S1 and D9/S0 pins (LTC1851) or DIFFOUT/S6, A2OUT/S5, A1OUT/S4, A0OUT/S3, D9/S2, D8/ S1 and D7/S0 pins (LTC1850). The D8 to D0 (LTC1851) or D6 to D0 (LTC1850) data output pins will remain high impedance during readback. RD going high will return the data output pins to a high impedance state and advance the pointer to the next location. A logic 1 on the D9/S0 (or D7/ S0) pin indicates the last location in the current sequence but all 16 locations can be read by continuing to clock RD. After 16 reads, the pointer is reset to location 0000. When all programming and/or reading of the sequencer memory is complete, M0 is taken high. BUSY will come back high enabling CONVST and indicating that the part is ready to start a conversion. LOCATION 0000 S6 DIFF S5 A2 S4 A1 S3 A0 S2 UNI/BIP S1 PGA S0 EOS LOCATION 0001 LOCATION 0010 LOCATION 1110 LOCATION 1111 • • • • • • • • • • • • • • • • • • • • • 1851 F10 Figure 10. Sequencer Memory Block Diagram |