công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL7136CPLZ bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ICL7136CPLZ
Giải thích chi tiết về linh kiện  3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7136CPLZ bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ICL7136CPLZ Datasheet HTML 2Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 3Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 4Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 5Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 6Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 7Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 8Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 9Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN3086.6
July 21, 2005
Detailed Description
Analog Section
Figure 2 shows the Analog Section for the ICL7136. Each
measurement cycle is divided into four phases. They are (1)
auto-zero (A-Z), (2) signal integrate (INT) and (3) de-
integrate (DE), (4) zero integrate (ZI).
Auto-Zero Phase
During auto-zero three things happen. First, input high and low
are disconnected from the pins and internally shorted to analog
COMMON. Second, the reference capacitor is charged to the
reference voltage. Third, a feedback loop is closed around the
system to charge the auto-zero capacitor CAZ to compensate
for offset voltages in the buffer amplifier, integrator, and
comparator. Since the comparator is included in the loop, the A-
Z accuracy is limited only by the noise of the system. In any
case, the offset referred to the input is less than 10
µV.
Signal Integrate Phase
During signal integrate, the auto-zero loop is opened, the
internal short is removed, and the internal input high and low
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
DESCRIPTION
40 PIN DIP
44 PIN
FLATPACK
1
8
V+
Supply
Power Supply.
2
9
D1
Output
Driver Pin for Segment “D” of the display units digit.
3
10
C1
Output
Driver Pin for Segment “C” of the display units digit.
4
11
B1
Output
Driver Pin for Segment “B” of the display units digit.
5
12
A1
Output
Driver Pin for Segment “A” of the display units digit.
6
13
F1
Output
Driver Pin for Segment “F” of the display units digit.
7
14
G1
Output
Driver Pin for Segment “G” of the display units digit.
8
15
E1
Output
Driver Pin for Segment “E” of the display units digit.
9
16
D2
Output
Driver Pin for Segment “D” of the display tens digit.
10
17
C2
Output
Driver Pin for Segment “C” of the display tens digit.
11
18
B2
Output
Driver Pin for Segment “B” of the display tens digit.
12
19
A2
Output
Driver Pin for Segment “A” of the display tens digit.
13
20
F2
Output
Driver Pin for Segment “F” of the display tens digit.
14
21
E2
Output
Driver Pin for Segment “E” of the display tens digit.
15
22
D3
Output
Driver pin for segment “D” of the display hundreds digit.
16
23
B3
Output
Driver pin for segment “B” of the display hundreds digit.
17
24
F3
Output
Driver pin for segment “F” of the display hundreds digit.
18
25
E3
Output
Driver pin for segment “E” of the display hundreds digit.
19
26
AB4
Output
Driver pin for both “A” and “B” segments of the display thousands digit.
20
27
POL
Output
Driver pin for the negative sign of the display.
21
28
BP/GND
Output
Driver pin for the LCD backplane/Power Supply Ground.
22
29
G3
Output
Driver pin for segment “G” of the display hundreds digit.
23
30
A3
Output
Driver pin for segment “A” of the display hundreds digit.
24
31
C3
Output
Driver pin for segment “C” of the display hundreds digit.
25
32
G2
Output
Driver pin for segment “G” of the display tens digit.
26
34
V-
Supply
Negative power supply.
27
35
INT
Output
Integrator amplifier output. To be connected to integrating capacitor.
28
36
BUFF
Output
Input buffer amplifier output. To be connected to integrating resistor.
29
37
A-Z
Input
Integrator amplifier input. To be connected to auto-zero capacitor.
30
31
38
39
IN LO
IN HI
Input
Differential inputs. To be connected to input voltage to be measured. LO and HI
designators are for reference and do not imply that LO should be connected to lower
potential, e.g., for negative inputs IN LO has a higher potential than IN HI.
32
40
COMMON
Supply/
Output
Internal voltage reference output.
33
34
41
42
CREF-
CREF+
Connection pins for reference capacitor.
35
36
43
44
REF LO
REF HI
Input
Input pins for reference voltage to the device. REF HI should be positive reference to
REF LO.
37
3
TEST
Input
Display test. Turns on all segments when tied to V+.
38
39
40
4
6
7
OSC3
OSC2
OSC1
Output
Output
Input
Device clock generator circuit connection pins.
ICL7136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com