| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS61884-IB bảng dữ liệu(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61884-IB bảng dữ liệu(HTML) 20 Page - Cirrus Logic |
|
20 / 72 page ![]() CS61884 20 DS485PP4 TTIP2 57 L10 O Transmit Tip Output Port 2 TRING2 58 M10 O Transmit Ring Output Port 2 RTIP2 60 M8 I Receive Tip Input Port 2 RRING2 61 L8 I Receive Ring Input Port 2 TTIP3 64 N10 O Transmit Tip Output Port 3 TRING3 63 P10 O Transmit Ring Output Port 3 RTIP3 67 P8 I Receive Tip Input Port 3 RRING3 66 N8 I Receive Ring Input Port 3 TTIP4 117 B10 O Transmit Tip Output Port 4 TRING4 118 A10 O Transmit Ring Output Port 4 RTIP4 120 A8 I Receive Tip Input Port 4 RRING4 121 B8 I Receive Ring Input Port 4 TTIP5 124 D10 O Transmit Tip Output Port 5 TRING5 123 C10 O Transmit Ring Output Port 5 RTIP5 127 C8 I Receive Tip Input Port 5 RRING5 126 D8 I Receive Ring Input Port 5 TTIP6 129 D5 O Transmit Tip Output Port 6 TRING6 130 C5 O Transmit Ring Output Port 6 RTIP6 132 C7 I Receive Tip Input Port 6 RRING6 133 D7 I Receive Ring Input Port 6 TTIP7 136 B5 O Transmit Tip Output Port 7 TRING7 135 A5 O Transmit Ring Output Port 7 RTIP7 139 A7 I Receive Tip Input Port 7 RRING7 138 B7 I Receive Ring Input Port 7 SYMBOL LQFP FBGA TYPE DESCRIPTION |