công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD74HC670 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD74HC670
Giải thích chi tiết về linh kiện  High-Speed CMOS Logic 4x4 Register File
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC670 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  CD74HC670 Datasheet HTML 1Page - Texas Instruments CD74HC670 Datasheet HTML 2Page - Texas Instruments CD74HC670 Datasheet HTML 3Page - Texas Instruments CD74HC670 Datasheet HTML 4Page - Texas Instruments CD74HC670 Datasheet HTML 5Page - Texas Instruments CD74HC670 Datasheet HTML 6Page - Texas Instruments CD74HC670 Datasheet HTML 7Page - Texas Instruments CD74HC670 Datasheet HTML 8Page - Texas Instruments CD74HC670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Functional Diagram
9
6
7
10
Q0
Q1
Q2
Q3
4
11
15
1
3
D0
D2
WE
RE
514
13
RA1
RA0
WA0
WA1
12
2
D1
D3
WRITE MODE SELECT TABLE
OPERATING
MODE
INPUTS
INTERNAL
LATCHES
(NOTE 1)
WE
DN
Write Data
L
L
L
LH
H
Data Latched
H
X
No Change
NOTE:
1. The Write Address (WA0 and WA1) to the “internal latches” must
be stable while WE is LOW for conventional operation.
READ MODE SELECT TABLE
OPERATING
MODE
INPUTS
OUTPUT
QN
RE
INTERNAL
LATCHES
(NOTE 2)
Read
L
L
L
LH
H
Disabled
H
X
(Z)
NOTE:
2. The selection of the “internal latches” by Read Address (RA0 and
RA1) are not constrained by WE or RE operation.
H = High Voltage Level
L = Low Voltage Level
X= Don’t Care
Z = High Impedance “Off” State
CD54HC670, CD74HC670, CD74HCT670
CD54HC670, CD74HC670, CD74HCT670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14