công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSL360B-A bảng dữ liệu(PDF) 1 Page - Chip Integration Technology Corporation

tên linh kiện CSL360B-A
Giải thích chi tiết về linh kiện  3A Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CITC [Chip Integration Technology Corporation]
Trang chủ  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSL360B-A bảng dữ liệu(HTML) 1 Page - Chip Integration Technology Corporation

  CSL360B-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSL360B-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSL360B-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low profile surface mounted application in order to
•
optimize board space.
Low power loss, high efficiency.
•
High current capability, low forward voltage drop.
•
Ultra high-speed switching.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Suffix "G" indicates Halogen-free part, ex.CSL360BG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CSL360B-A
3A Surface Mount Schottky Barrier Rectifiers
I
O
I
F S M
I
R
T
S T G
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
20
0.5
3.0
70
A
A
mA
O C/W
O C
35
R
θ J C
Junction to case
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@3A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
42
Max.
repetitive peak
reverse voltage
V
(V)
R R M
60
Marking code
CSL360B-A
Symbol
CSL360
60
0.5
Document ID : DS-12KH4
Revised Date : 2015/07/14
Revision : C
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AA / SMB
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.003 ounce, 0.091 gram
SMB(DO-214AA)
Marking code
0.126 (3.20)
0.078 (1.99)
0.087 (2.20)
0.071 (1.80)
0.157 (4.00)
0.130 (3.30)
0.191 (4.85)
0.157 (4.00)
0.012 (0.31)
MAX.
0.220 (5.60)
0.197 (5.00)
0.063 (1.60)
0.028 (0.70)
0.008 (0.21)
MAX.


Số phần tương tự - CSL360B-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CSL32C1 ETC2-CSL32C1 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CSL32C1 CALIBER-CSL32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
List of Unclassifed Man...
CSL32C3 ETC2-CSL32C3 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CSL32C3 CALIBER-CSL32C3 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
List of Unclassifed Man...
CSL32C5 ETC2-CSL32C5 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
More results

Mô tả tương tự - CSL360B-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SK32C CITC-SK32C Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com