| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
80960JF bảng dữ liệu(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960JF bảng dữ liệu(HTML) 1 Page - Intel Corporation |
|
1 / 77 page ![]() 80960JA/JF/JD/JT 3.3 V EMBEDDED 32-BIT MICROPROCESSOR Advance Information Datasheet Product Features s Pin/Code Compatible with all 80960Jx Processors s High-Performance Embedded Architecture — One Instruction/Clock Execution — Core Clock Rate is: 80960JA/JF 1x the Bus Clock 80960JD 2x the Bus Clock 80960JT 3x the Bus Clock — Load/Store Programming Model — Sixteen 32-Bit Global Registers — Sixteen 32-Bit Local Registers (8 sets) — Nine Addressing Modes — User/Supervisor Protection Model s Two-Way Set Associative Instruction Cache — 80960JA - 2 Kbyte — 80960JF/JD - 4 Kbyte — 80960JT - 16 Kbyte — Programmable Cache-Locking Mechanism s Direct Mapped Data Cache — 80960JA - 1 Kbyte — 80960JF/JD - 2 Kbyte — 80960JT - 4 Kbyte — Write Through Operation s On-Chip Stack Frame Cache — Seven Register Sets Can Be Saved — Automatic Allocation on Call/Return — 0-7 Frames Reserved for High-Priority Interrupts s On-Chip Data RAM — 1 Kbyte Critical Variable Storage — Single-Cycle Access s 3.3 V Supply Voltage — 5 V Tolerant Inputs — TTL Compatible Outputs s High Bandwidth Burst Bus — 32-Bit Multiplexed Address/Data — Programmable Memory Configuration — Selectable 8-, 16-, 32-Bit Bus Widths — Supports Unaligned Accesses — Big or Little Endian Byte Ordering s High-Speed Interrupt Controller — 31 Programmable Priorities — Eight Maskable Pins plus NMI — Up to 240 Vectors in Expanded Mode s Two On-Chip Timers — Independent 32-Bit Counting — Clock Prescaling by 1, 2, 4 or 8 — lnternal Interrupt Sources s Halt Mode for Low Power s IEEE 1149.1 (JTAG) Boundary Scan Compatibility s Packages — 132-Lead Pin Grid Array (PGA) — 132-Lead Plastic Quad Flat Pack (PQFP) — 196-Ball Mini Plastic Ball Grid Array (MPBGA) Order Number: 273159-001 March, 1998 Notice: This document contains information on products in the sampling and initial production phases of development. The specifications are subject to change without notice. Verify with your local Intel sales office that you have the latest datasheet before finalizing a design. |
Số phần tương tự - 80960JF |
|
Mô tả tương tự - 80960JF |