| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN91C100FD bảng dữ liệu(PDF) 74 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C100FD bảng dữ liệu(HTML) 74 Page - SMSC Corporation |
|
74 / 79 page ![]() FEAST Fast Ethernet Controller with Full Duplex Capability Rev. 10/14/2002 Page 74 SMSC DS – LAN91C100FD Rev. D PRELIMINARY Figure 9.9 - SRAM Interface PARAMETER MIN TYP MAX UNITS t34 Write – RA2-RA16 Setup to nRWE0-nRWE3 Falling 0 ns t35 Write – RA2-RA16 Hold after nRWE0-nRWE3 Rising 0 ns t36 Write – RD0-RD31 Setup to nRWE0-nRWE3 Rising 12 ns t37 Write – RD0-RD31 Hold after nRWE0-nRWE3 Rising 0 ns t39 Write – nRWE0-nRWE3 Pulse Width 15 ns t54 Write – RA2-RA16 Valid to End of Write 12 ns t38 Read – RA2-RA16 Valid to RD0-RD31 Valid 15 ns t51 Read – RD0-RD31 Hold after RA2-RA16 Change 3 ns t53 t52 t37 t36 t39 t39 t50 t35 t54 t50 t34 t50 t51 t50 t38 READ CYCLE WRITE CYCLE RA2-RA16 nRWE0-nRWE3 nROE RD0-RD31 t52 t38 t51 t38 t50 t51 t38 t50 t51 t38 MULTIPLE READ CYCLES RA2-RA16 nRWE0-nRWE3 nROE RD0-RD31 t53 t52 t37 t36 t39 t39 t50 t51 t50 t38 t50 t35 t54 t50 t34 READ CYCLE WRITE CYCLE RA2-RA16 nRWE0-nRWE3 nROE RD0-RD31 |