| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WEBWR1305FZGS-1-D bảng dữ liệu(PDF) 5 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
WEBWR1305FZGS-1-D bảng dữ liệu(HTML) 5 Page - DDK Ltd. |
|
5 / 8 page ![]() Unit:mm http://www.ddknet.co.jp WEB Series 5 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○ WEBCR(Cable Receptacle) Shell Size Number of Contacts Part Number A(max.) B(max.) C φD φE J Applicable Cable Size 13 3 WEBCR1303 □□□ -1-D 73 90 27.2 9.0 18 19.0 7.0 ~ 9.0 5 WEBCR1305 □□□ -1-D 9.0 16 7 WEBCR1607 □□□ -2-D 29.5 10.5 22 22.2 8.0 ~ 10.5 10 WEBCR1610 □□□ -2-D 10.5 21 4 WEBCR2104 □□□ -1-D 31.8 14.1 26 26.7 10.5 ~ 14.1 4 WEBCR2104 □□□ -2-D 11.0 8.5 ~ 11.0 4 WEBCR2104 □□□ -3-D 8.7 6.5 ~ 8.7 7 WEBCR2107 □□□ -1-D 14.1 10.5 ~ 14.1 7 WEBCR2107 □□□ -2-D 11.0 8.5 ~ 11.0 7 WEBCR2107 □□□ -3-D 8.7 6.5 ~ 8.7 10 WEBCR2110 □□□ -1-D 14.1 10.5 ~ 14.1 10 WEBCR2110 □□□ -2-D 11.0 8.5 ~ 11.0 10 WEBCR2110 □□□ -3-D 8.7 6.5 ~ 8.7 16 WEBCR2116 □□□ -1-D 14.1 10.5 ~ 14.1 16 WEBCR2116 □□□ -2-D 11.0 8.5 ~ 11.0 16 WEBCR2116 □□□ -3-D 8.7 6.5 ~ 8.7 19 WEBCR2119 □□□ -1-D 14.1 10.5 ~ 14.1 19 WEBCR2119 □□□ -2-D 11.0 8.5 ~ 11.0 19 WEBCR2119 □□□ -3-D 8.7 6.5 ~ 8.7 25 16 WEBCR2516 □□□ -1-D 37.0 16.0 30 30.0 12.5 ~ 16.0 16 WEBCR2516 □□□ -2-D 13.0 9.5 ~ 13.0 16 WEBCR2516 □□□ -3-D 10.0 6.8 ~ 10.0 16 WEBCR2516 □□□ -7-D 17.0 15.0 ~ 17.0 24 WEBCR2524 □□□ -1-D 16.0 12.5 ~ 16.0 24 WEBCR2524 □□□ -2-D 13.0 9.5 ~ 13.0 24 WEBCR2524 □□□ -3-D 10.0 6.8 ~ 10.0 24 WEBCR2524 □□□ -7-D 17.0 15.0 ~ 17.0 28 WEBCR2528 □□□ -1-D 16.0 12.5 ~ 16.0 28 WEBCR2528 □□□ -2-D 13.0 9.5 ~ 13.0 28 WEBCR2528 □□□ -3-D 10.0 6.8 ~ 10.0 28 WEBCR2528 □□□ -7-D 17.0 15.0 ~ 17.0 32 WEBCR2532 □□□ -1-D 16.0 12.5 ~ 16.0 32 WEBCR2532 □□□ -2-D 13.0 9.5 ~ 13.0 32 WEBCR2532 □□□ -3-D 10.0 6.8 ~ 10.0 32 WEBCR2532 □□□ -7-D 17.0 15.0 ~ 17.0 12.5 6.7 025-016 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 X Y Z A B J:Width of two gripping sufaces for wrench WEBCR2524M □ G -1-D ① Connector Style CR : Cable Receptacle ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Bushing Size Refer to the following table ⑧ Finish D:Trivalent Chromium Treatment (Black) ①② ③ ④ ⑤ ⑥ ⑦ ⑧ |