công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S5KBF bảng dữ liệu(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

tên linh kiện S5KBF
Giải thích chi tiết về linh kiện  5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Trang chủ  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S5KBF bảng dữ liệu(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S5KBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S5KBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S5ABF – S5MBF
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
1 of 2
S5ABF-S5MBF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Surge Overload Rating to 100A Peak
Features
SMBF
Ideally Suited for Automatic Assembly
Built-in Strain Relief
Classification Rating 94V-O
Low Power Loss
Weight: 0.057 grams (approx.)
Features
!
!
Low Forward Voltage Drop
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
4.40
4.20
3.70
3.50
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.26
0.18
5.50
5.10
1.30
1.10
1.00
-
2.20
1.90
Case: SMBF, Molded Plastic
A
B
C
D
F
E
G
Symbo
S5ABF S5BBF S5DBF S5GBF S5J BF S5K BF S5MBF Unit
Characteristic
Typical Thermal Resistance (Note 2)
R
Typical Junction Capacitance (Note 1)
C
-65 to +150
°C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
5 0
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
3 5
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 100°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 5.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
j
15
pF
JL
30
K/W
Operating and Storage Temperature Range
Tj, TSTG
2. Mounted on P.C. Board with 8.0mm
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Note:
2 land area.


Số phần tương tự - S5KBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdiode Semiconducto...
S5KBF CHENDA-S5KBF Datasheet
681Kb / 2P
50 to 1000 Vo lts Forward Current - 5.0 Amperes
logo
Galaxy Semi-Conductor H...
S5KBF BILIN-S5KBF Datasheet
473Kb / 4P
Surface Mount Rectifiers
Rev.B
logo
Guangdong Juxing Electr...
S5KBF JUXING-S5KBF Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Yint Electroni...
S5KBF YINT-S5KBF Datasheet
493Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Microdiode Semiconducto...
S5KBF CHENDA-S5KBF Datasheet
782Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Mô tả tương tự - S5KBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
S5AC DIODES-S5AC_1 Datasheet
82Kb / 3P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
Won-Top Electronics
S5A WTE-S5A Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Diodes Incorporated
S5AC DIODES-S5AC_10 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
S5GC-13 DIODES-S5GC-13 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5GC-13-F DIODES-S5GC-13-F Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5DC-13 DIODES-S5DC-13 Datasheet
111Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5AC DIODES-S5AC_15 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
logo
Zibo Seno Electronic En...
S5A ZSELEC-S5A Datasheet
91Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GF5A ZSELEC-GF5A Datasheet
56Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com