| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL-9000 bảng dữ liệu(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HCPL-9000 bảng dữ liệu(HTML) 2 Page - Agilent(Hewlett-Packard) |
|
2 / 12 page ![]() 2 Selection Guide Device Number Channel Configuration Package HCPL-9000 Single 8-pin DIP (300 Mil) HCPL-0900 Single 8-pin Small Outline HCPL-9030 Dual 8-pin DIP (300 Mil) HCPL-0930 Dual 8-pin Small Outline HCPL-9031 Dual, Bi-Directional 8-pin DIP (300 Mil) HCPL-0931 Dual, Bi-Directional 8-pin Small Outline HCPL-900J Quad 16-pin Small Outline, Wide Body HCPL-090J Quad 16-pin Small Outline, Narrow Body HCPL-901J Quad, 2/2, Bi-Directional 16-pin Small Outline, Wide Body HCPL-091J Quad, 2/2, Bi-Directional 16-pin Small Outline, Narrow Body HCPL-902J Quad, 1/3, Bi-Directional 16-pin Small Outline, Wide Body HCPL-092J Quad, 1/3, Bi-Directional 16-pin Small Outline, Narrow Body Ordering Information Specify Part Number followed by Option Number (if desired). Examples: HCPL-90xx-xxx xxx: No option = 300 Mil PDIP-8 package, 50 units per tube. 300 = Gull Wing Surface Mount Option, 50 units per tube. 500 = Tape and Reel Packaging Option, 1000 units per reel. HCPL-09xx-xxx xxx: No option = SO-8 package, 100 units per tube. 500 = Tape and Reel Packaging Option, 1500 units per reel. HCPL-90xJ-xxx xxx: No option = Wide Body SOIC-16 package, 50 units per tube. 500 = Tape and Reel Packaging Option, 1000 units per reel. HCPL-09xJ-xxx xxx: No option = Narrow Body SOIC-16 package, 50 per tube. 500 = Tape and Reel Packaging Option, 1000 units per reel. |