| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8980 bảng dữ liệu(PDF) 47 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8980 bảng dữ liệu(HTML) 47 Page - Wolfson Microelectronics plc |
|
47 / 81 page ![]() Product Preview WM8980 w PP Rev 1.6 January 2005 47 ZERO CROSS TIMEOUT A zero-cross timeout function is also provided so that if zero cross is enabled on the input or output PGAs the gain will automatically update after a timeout period if a zero cross has not occurred. This is enabled by setting SLOWCLKEN. The timeout period is dependent on the clock input to the digital and is equal to 2 21 * input clock period. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R7 Additional Control 0 SLOWCLKEN 0 Slow clock enable. Used for both the jack insert detect debounce circuit and the zero cross timeout. 0 = slow clock disabled 1 = slow clock enabled Table 36 Timeout Clock Enable Control |