| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SF064VT1-VGA bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SF064VT1-VGA bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 8 page ![]() SUNFUL Sunful Digital Technology Limited - - KEYBOARD INTRODUCTON 2.Connector Definition CONI10 This connector connected to operation port of driver Notes: The Connector define square pad as the first position 3.OSD Function Description If you want to get the best effect, An adjustment of keyboard is required. Then the menu will show as following: Menu Symbol Description Auto Configuration Auto Configuration Brightness Brightness Contrast Contrast Auto Balance Automatically Keep Color’s balance R ˆG ˆB R ˆG ˆB ˆadjust single Color Color Temperature Color Temperature H-Position Left and Right Adjustment Of Image Position V-Position UP and Down Adjustment Of Image Position Position Auto center Auto center Phase Clock Phase Adjust Clock Clock Frequency Adjust Image Auto phase Automatically Keep Phase’s balance OSD Timeout OSD Blanking Timer Miscellane ous OSD Position OSD Position On Screen Information Input VGA Signal Notes: Do as foregoing Description if want to get favorite image. But the best state is set before shipment MENU LEFT BRIGHT EXIT LCD POWER |