| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AS bảng dữ liệu(PDF) 576 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AS bảng dữ liệu(HTML) 576 Page - Motorola, Inc |
|
576 / 670 page ![]() 3–430 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) PRESSURE AND VACUUM SIDES PORTED (DP) CASE 867C–05 ISSUE F NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX R X 12 3 4 5 6 DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.405 0.435 10.29 11.05 D 0.027 0.033 0.68 0.84 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.159 3.89 4.04 R 0.063 0.083 1.60 2.11 S U 0.910 BSC 23.11 BSC V 0.182 0.194 4.62 4.93 W 0.310 0.330 7.87 8.38 X 0.248 0.278 6.30 7.06 PORT #2 VACUUM (P2) PORT #1 POSITIVE PORT #1 PIN 1 PORT #2 POSITIVE VACUUM PRESSURE SEATING PLANE SEATING PLANE –T– –T– P G C J N B F D W V L U 6 PL S K –Q– –A– M Q M 0.25 (0.010) T M A M 0.13 (0.005) PRESSURE (P1) 0.220 0.240 5.59 6.10 (P1) (P2) PRESSURE SIDE PORTED (AS, GS) CASE 867E–03 ISSUE D NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX A 65 4 3 2 1 C K N E –B– PORT #1 POSITIVE PRESSURE J –T– S G F D 6 PL PIN 1 M B M 0.13 (0.005) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.690 17.53 18.28 B 0.245 0.255 6.22 6.48 C 0.780 0.820 19.81 20.82 D 0.027 0.033 0.69 0.84 E 0.178 0.186 4.52 4.72 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.345 0.375 8.76 9.53 N 0.300 0.310 7.62 7.87 S 0.220 0.240 5.59 6.10 0.720 V V 0.182 0.194 4.62 4.93 (P1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |