| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AS bảng dữ liệu(PDF) 554 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AS bảng dữ liệu(HTML) 554 Page - Motorola, Inc |
|
554 / 670 page ![]() AN1950 3–408 Motorola Sensor Device Data www.motorola.com/semiconductors adc DB sta NB lda NC adc DC sta NC ;and add into NC:NB:NA lsla bcs nornd ;if carry=1 then remainder<1/2 of dividend lda RA add #$01 sta RA lda RB adc #$00 sta RB ;otherwise add 1 to result nornd: rts ;__________________________________________________________ UNITS: lda #$01 ;===UNITS=== : displays A/D value, calib max/min values jsr lcdcmdo ;clear screen UNTwarm: lda #$0C jsr lcdcmdo ;cursor off lda #$80 jsr lcdcmdo ;(pos cursor begining of first line) jsr adcbyta ;get Lref: reference A/D reading bset 4,porta ;SEL LED–ON signals getting reading jsr lcdbyto jsr del1s bclr 4,porta ;SEL LED–OFF signals reading received jsr adcbyta ;get Lref: reference A/D reading tstLfNx: sub N1 ;*** PX=f(NX,N2,N1) *** cmp #$00 ; IF Nx – N1 > 0 then calculate bgt skipzero lda #’–’ ; Else IF Nx << N1 then display error message to recalibrate jsr lcdbyto lda #’–’ jsr lcdbyto bra skipneg skipzero: ldx #$A0 ;x160 mul sta NA stx NB clr NC ;NCNBNA:=(NX–N1)*160 lda #$90 jsr lcdcmdo ;(pos cursor 2nd half of first line) jsr lcdbyto ; display NA lda #$87 jsr lcdcmdo lda NB jsr lcdbyto ; display NB skipneg: jsr del1s ;1s between pressure/altitude readings brset 1,porta,UNTcon ;exit only if SEL brset 2,porta,UNTcon ;and ENT pressed together jmp MENU UNTcon: jmp UNTwarm ;__________________________ MANCALIB: jsr del1s rts TEST: jsr del1s Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |