| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AT1 bảng dữ liệu(PDF) 405 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AT1 bảng dữ liệu(HTML) 405 Page - Motorola, Inc |
|
405 / 670 page ![]() AN1315 3–259 Motorola Sensor Device Data www.motorola.com/semiconductors 0B03 B7 01 STA $01 0B05 BE 54 LDX $54 porta = ( lcdtab[digit[4]] ); /* 1’s digit */ 0B07 D6 08 00 LDA $0800,X 0B0A B7 00 STA $00 /* place the decimal point only if the sensor is 15 psi or 7.5 psi */ 0B0C B6 60 LDA $60 if ( sensor_index < 3 ) 0B0E A8 80 EOR #$80 0B10 A1 83 CMP #$83 0B12 24 08 BCC $0B1C 0B14 BE 54 LDX $54 porta = ( lcdtab[digit[4]]+1 ); /* add the decimal point to the lsd */ 0B16 D6 08 00 LDA $0800,X 0B19 4C INCA 0B1A B7 00 STA $00 0B1C 3D 60 TST $60 if(sensor_index ==0) /* special case */ 0B1E 26 0F BNE $0B2F { 0B20 BE 54 LDX $54 porta = ( lcdtab[digit[4]] ); /* get rid of the decimal at lsd */ 0B22 D6 08 00 LDA $0800,X 0B25 B7 00 STA $00 0B27 BE 53 LDX $53 portb = ( lcdtab[digit[3]]+1 ); /* decimal point at middle digit */ 0B29 D6 08 00 LDA $0800,X 0B2C 4C INCA 0B2D B7 01 STA $01 } 0B2F 9A CLI CLI; 0B30 CD 09 68 JSR $0968 delay(); 0B33 81 RTS } /****************************************************************/ void display_psi(void) /* At power–up it is assumed that the pressure or vacuum port of the sensor is open to atmosphere. The code in initio() delays for the sensor and power supply to stabilize. One hundred A/D conversions are averaged. That result is called xdcr_offset. This routine calls the A/D routine which performs one hundred conversions, divides the result by 100 and returns the value. If the value returned is less than or equal to the xdcr_offset, the value of xdcr_offset is substituted. If the value returned is greater than xdcr_offset, xdcr_offset is subtracted from the returned value. */ { while(1) { 0B34 CD 09 7F JSR $097F atodtemp = read_a2d(); /* atodtemp = raw a/d ( 0..255 ) */ 0B37 3F 55 CLR $55 0B39 B7 56 STA $56 0B3B B0 5D SUB $5D if ( atodtemp <= xdcr_offset ) 0B3D B7 58 STA $58 0B3F B6 5C LDA $5C 0B41 A8 80 EOR #$80 0B43 B7 57 STA $57 0B45 B6 55 LDA $55 0B47 A8 80 EOR #$80 0B49 B2 57 SBC $57 0B4B BA 58 ORA $58 0B4D 22 08 BHI $0B57 0B4F B6 5C LDA $5C atodtemp = xdcr_offset; 0B51 B7 55 STA $55 0B53 B6 5D LDA $5D 0B55 B7 56 STA $56 0B57 B6 56 LDA $56 atodtemp –= xdcr_offset; /* remove the offset */ 0B59 B0 5D SUB $5D 0B5B B7 56 STA $56 0B5D B6 55 LDA $55 0B5F B2 5C SBC $5C 0B61 B7 55 STA $55 0B63 CD 09 4C JSR $094C sensor_slope(); /* establish the slope constant for this output */ 0B66 B6 56 LDA $56 atodtemp *= sensor_model; 0B68 B7 58 STA $58 0B6A B6 55 LDA $55 0B6C B7 57 STA $57 0B6E B6 5E LDA $5E Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |