công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPXM2102AT1 bảng dữ liệu(PDF) 403 Page - Motorola, Inc

tên linh kiện MPXM2102AT1
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 bảng dữ liệu(HTML) 403 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 399Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 400Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 401Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 402Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 403Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 404Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 405Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 406Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 407Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 670 page
background image
AN1315
3–257
Motorola Sensor Device Data
www.motorola.com/semiconductors
0A07 3F 5C
CLR
$5C
0A09 B7 5D
STA
$5D
0A0B 81
RTS
}
/***************************************************************************/
void initio (void)
/*
setup the I/O */
{
0A0C A6 20
LDA
#$20
adstat = 0x20; /* power–up the A/D */
0A0E B7 09
STA
$09
0A10 3F 02
CLR
$02
porta = portb = portc = 0;
0A12 3F 01
CLR
$01
0A14 3F 00
CLR
$00
0A16 A6 FF
LDA
#$FF
ddra = ddrb = ddrc = 0xff;
0A18 B7 06
STA
$06
0A1A B7 05
STA
$05
0A1C B7 04
STA
$04
0A1E B6 13
LDA
$13
areg=tsr;
/* dummy read */
0A20 3F 1E
CLR
$1E
ocmphi1 = ocmphi2 = 0;
0A22 3F 16
CLR
$16
0A24 B6 1F
LDA
$1F
areg = ocmplo2; /* clear out output compare 2 if it happens to be set */
0A26 AD 9F
BSR
$09C7
fixcompare(); /* set–up for the first timer interrupt */
0A28 A6 40
LDA
#$40
tcr = 0x40;
0A2A B7 12
STA
$12
0A2C 9A
CLI
CLI;
/* let the interrupts begin !
*/
/* write CAL to the display */
0A2D A6 CC
LDA
#$CC
portc = 0xcc; /* C */
0A2F B7 02
STA
$02
0A31 A6 BE
LDA
#$BE
portb = 0xbe; /* A */
0A33 B7 01
STA
$01
0A35 A6 C4
LDA
#$C4
porta = 0xc4; /* L */
0A37 B7 00
STA
$00
0A39 CD 09 21
JSR
$0921
sensor_type(); /* get the model of the sensor based on J1..J3 */
0A3C AD AD
BSR
$09EB
adzero();
/* auto zero */
0A3E 81
RTS
}
/***************************************************************************/
void cvt_bin_dec(unsigned long arg)
/* First converts the argument to a five digit decimal value. The msd is in
the lowest address. Then leading zero suppress the value and write it to the
display ports.
The argument value is 0..65535 decimal. */
009D
{
0A3F BF 9D
STX
$9D
0A41 B7 9E
STA
$9E
009F
char i;
00A0
unsigned long l;
0A43 3F 9F
CLR
$9F
for ( i=0; i < 5; ++i )
0A45 B6 9F
LDA
$9F
0A47 A1 05
CMP
#$05
0A49 24 07
BCC
$0A52
{
0A4B 97
TAX
digit[i] = 0x0;
/* put blanks in all digit positions */
0A4C 6F 50
CLR
$50,X
}
0A4E 3C 9F
INC
$9F
0A50 20 F3
BRA
$0A45
0A52 3F 9F
CLR
$9F
for ( i=0; i < 4; ++i )
0A54 B6 9F
LDA
$9F
0A56 A1 04
CMP
#$04
0A58 24 7A
BCC
$0AD4
{
0A5A 97
TAX
if ( arg
>= dectable [i] )
0A5B 58
LSLX
0A5C D6 08 0B
LDA
$080B,X
0A5F B0 9E
SUB
$9E
0A61 B7 58
STA
$58
0A63 B6 9D
LDA
$9D
0A65 A8 80
EOR
#$80
0A67 B7 57
STA
$57
0A69 D6 08 0A
LDA
$080A,X
0A6C A8 80
EOR
#$80
0A6E B2 57
SBC
$57
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More