công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B3625 bảng dữ liệu(PDF) 3 Page - EPCOS

tên linh kiện B3625
Giải thích chi tiết về linh kiện  Low-Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

B3625 bảng dữ liệu(HTML) 3 Page - EPCOS

  B3625 Datasheet HTML 1Page - EPCOS B3625 Datasheet HTML 2Page - EPCOS B3625 Datasheet HTML 3Page - EPCOS B3625 Datasheet HTML 4Page - EPCOS B3625 Datasheet HTML 5Page - EPCOS B3625 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Apr 04, 2001
SAW Components
B3625
71,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= 0 - 70 ˚C
Terminating source impedance:
ZS =200 Ω unbalanced and matching network
Terminating load impedance:
ZL =200 Ω unbalanced and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
71,0
—
MHz
Minimum insertion attenuation
α
N
—
7,0
8,0
dB
(including matching network)
Passband width
B1,0dB
—
0,21
—
MHz
α
rel ≤ 1 dB
Amplitude ripple in passband
∆α
70,92 ...
71,08 MHz
—
±0,6
±1,0
dB
Absolute group delay
τ
2,35
2,50
2,65
µs
Group delay ripple (p-p)
∆τ
70,92 ...
71,08 MHz
—
0,45
1,5
µs
Relative attenuation (relative to
α
N)
α
rel
fN ± 200
kHz ... fN ± 300
kHz
3
—
—
dB
fN ± 300
kHz ... fN ± 400
kHz
13
—
—
dB
fN ± 400
kHz ... fN ± 700
kHz
23
—
—
dB
fN ± 700
kHz ... fN ± 1600
kHz
31
—
—
dB
@fN ± 800
kHz
34
—
—
dB
fN ± 1600
kHz ... fN ± 6000
kHz
35
—
—
dB
fN ± 6000
kHz ... fN ± 35000
kHz
40
—
—
dB
IM3 level (Input level -14 dBm)
fN ± 800
kHz
—
—
-95
dBm
fN ± 1600
kHz
—
—
-95
dBm
Temperature coefficient of frequency 1)
TCf
—
– 0,033
—
ppm/K2
Turnover temperature
T0
—10
—
˚C



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com