công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP393TR1 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện TSOP393TR1
Giải thích chi tiết về linh kiện  IR Receiver Modules for Remote Control Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP393TR1 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  TSOP393TR1 Datasheet HTML 1Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 2Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 3Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 4Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 5Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 6Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 7Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 8Page - Vishay Siliconix TSOP393TR1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TSOP393..TR1, TSOP395..TR1
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 14-Sep-17
1
Document Number: 82774
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Two lenses for high sensitivity
• Insensitive to supply voltage ripple and noise
• Ultra low 2.6 mm profile
• Winged for mounting within PCB cutout
• Compatible with reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP39...TR1 series are miniaturized receiver modules
for infrared remote control systems. Two PIN diodes and a
preamplifier are assembled on a leadframe, the epoxy
package contains an IR filter. The demodulated output
signal can be directly connected to digital circuitry for
decoding.
The TSOP393..TR1 series devices are optimized to
suppress almost all spurious pulses from energy saving
lamps like CFLs. These AGC3 devices may also suppress
some data signals if continuously transmitted.
The TSOP395..TR1 series contains a very robust AGC5.
This series should only be used for critically noisy
environments.
These components have not been qualified according to
automotive specifications.
1
4
3
2
1
4
3
2
22964
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP39330TR1
TSOP39530TR1
33 kHz
TSOP39333TR1
TSOP39533TR1
36 kHz
TSOP39336TR1 (1)
TSOP39536TR1
38 kHz
TSOP39338TR1 (2)(3)(4)(5)
TSOP39538TR1
40 kHz
TSOP39340TR1
TSOP39540TR1
56 kHz
TSOP39356TR1
TSOP39556TR1
Package
TVCastSMD
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 2.6 H x 5.3 D
Mounting
SMD
Application
Remote control
Best choice for
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2


Số phần tương tự - TSOP393TR1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSOP393TR1 VISHAY-TSOP393TR1 Datasheet
325Kb / 12P
IR Receiver Modules for Remote Control Systems
14-Apr-2021
TSOP393TR1 VISHAY-TSOP393TR1_V01 Datasheet
325Kb / 12P
IR Receiver Modules for Remote Control Systems
14-Apr-2021
More results

Mô tả tương tự - TSOP393TR1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com