công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPX12DP bảng dữ liệu(PDF) 31 Page - Motorola, Inc

tên linh kiện MPX12DP
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX12DP bảng dữ liệu(HTML) 31 Page - Motorola, Inc

Back Button MPX12DP Datasheet HTML 27Page - Motorola, Inc MPX12DP Datasheet HTML 28Page - Motorola, Inc MPX12DP Datasheet HTML 29Page - Motorola, Inc MPX12DP Datasheet HTML 30Page - Motorola, Inc MPX12DP Datasheet HTML 31Page - Motorola, Inc MPX12DP Datasheet HTML 32Page - Motorola, Inc MPX12DP Datasheet HTML 33Page - Motorola, Inc MPX12DP Datasheet HTML 34Page - Motorola, Inc MPX12DP Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 670 page
background image
1–25
Motorola Sensor Device Data
www.motorola.com/semiconductors
MEDIA TEST METHODS
Figures 11 and 12 show a test apparatus specifically intended
for use with solvents and Figure 13 an apparatus for aqueous
solutions. This test system has resulted in a realistic test
environment that provides electrical bias,
in situ measurements,
consistent stoichiometry, and temperature control all within a
safe environment. The safety aspects of the testing were
obtained by creating an environment free of oxygen to eliminate
the possibility of a fire. Results from the testing have included
swelling of silicone materials, corrosion, and adhesive failures.
Figure 11. Graphical depiction of the sensor media tester used for liquid or vapor exposure of the device to the
harsh media to accelerate the failure mechanisms or demonstrate compatibility.
CONDENSER COILS
SENSORS
TO AUTOMATIC TEST SYSTEM
LOADING CHAMBER
THERMOCOUPLES
FLUORINATED
HYDROCARBON
LIQUID WITH
EXTERNAL
HEATER
MODULAR TEST
PLATE WITH
O–RING SEAL
TO DRAIN
TO PUMP
FROM PUMP
TANK
1
TANK
2
V
A
P
O
R
L
I
Q
U
I
D
LID
ELECTRICAL
CONNECTIONS
WITH VOLTAGE AND CURRENT
LINKING PROTECTION
POROUS NITROGEN
PURGE LINES
Figure 12. Photograph of the load chamber area of the Media Test System allowing for fuel or solvent testing at
temperature with
in situ monitoring of the devices under test (DUT’s) output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com