công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPX10DP bảng dữ liệu(PDF) 37 Page - Motorola, Inc

tên linh kiện MPX10DP
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX10DP bảng dữ liệu(HTML) 37 Page - Motorola, Inc

Back Button MPX10DP Datasheet HTML 33Page - Motorola, Inc MPX10DP Datasheet HTML 34Page - Motorola, Inc MPX10DP Datasheet HTML 35Page - Motorola, Inc MPX10DP Datasheet HTML 36Page - Motorola, Inc MPX10DP Datasheet HTML 37Page - Motorola, Inc MPX10DP Datasheet HTML 38Page - Motorola, Inc MPX10DP Datasheet HTML 39Page - Motorola, Inc MPX10DP Datasheet HTML 40Page - Motorola, Inc MPX10DP Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 670 page
background image
2–1
Motorola Sensor Device Data
www.motorola.com/semiconductors
Acceleration
Sensor Products
Section Two
Accelerometer Overview:
Motorola’s series of acceleration sensors incorporate a
surface micromachined structure. The force of acceleration
moves the seismic mass, thereby changing the g–cell’s
capacitance. Coupled with the g–cell is a control chip to pro-
vide the accelerometer with signal amplification, signal
conditioning, low pass filter and temperature compensation.
With Zero–g offset, sensitivity and filter roll–off that is factory
set, the device requires only a few external passives. In fact,
this acceleration sensor device offers a calibrated self–test
feature that mechanically displaces the seismic mass with
the application of a digital self–test signal. The g–cell is
hermetically sealed at the die level, creating a particle–free
environment with features such as built in damping and
over–range stops to protect it from mechanical shock.
These acceleration sensors are rugged, highly accurate
and feature X, XY, and Z axis of sensitivity.
Motorola’s acceleration sensors are economical, accurate
and highly reproducible for the ideal sensing solution in auto-
motive, industrial, commercial and consumer applications.
Mini Selector Guide
2–2
. . . . . . . . . . . . . . . . . . . . . . . . .
Device Numbering System
2–2
. . . . . . . . . . . . . . . . . .
Sensor Applications
2–3
. . . . . . . . . . . . . . . . . . . . . . . . .
Acceleration Sensor FAQ’s
2–4
. . . . . . . . . . . . . . . . . .
Data Sheets
MMA1200D
2– 5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA1201P
2–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA1220D
2– 18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA1250D
2–24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA1260D
2–30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA1270D
2–36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA2201D
2– 42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA2202D
2– 48
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MMA3201D
2– 55
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Application Notes
AN1559
2– 62
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN1611
2–65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN1612
2–77
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN1632
2– 84
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN1635
2– 89
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN1640
2–101
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN1925
2– 104
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case Outlines
2–107
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Glossary of Terms
2–109
. . . . . . . . . . . . . . . . . . . . . . . . .
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More