| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S1313 bảng dữ liệu(PDF) 39 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1313 bảng dữ liệu(HTML) 39 Page - Seiko Instruments Inc |
|
39 / 56 page ![]() SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.2.1_00 S-1313 Series 39 4. HSNT-4 (0808) 12 3 4 Top view (1) (2) (3) (1) to (3): Product code (Refer to Product name vs. Product code) Product name vs. Product code 4. 1 S-1313 Series A type 4. 2 S-1313 Series B type Product Name Product Code (1) (2) (3) S-1313A10-A4T1U3 1 L A S-1313A11-A4T1U3 1 L B S-1313A12-A4T1U3 1 L C S-1313A13-A4T1U3 1 L D S-1313A14-A4T1U3 1 L E S-1313A15-A4T1U3 1 L F S-1313A16-A4T1U3 1 L G S-1313A17-A4T1U3 1 L H S-1313A18-A4T1U3 1 L J S-1313A1J-A4T1U3 1 L K S-1313A19-A4T1U3 1 L L S-1313A20-A4T1U3 1 L N S-1313A21-A4T1U3 1 L O S-1313A22-A4T1U3 1 L P S-1313A23-A4T1U3 1 L Q S-1313A24-A4T1U3 1 L R S-1313A25-A4T1U3 1 L S S-1313A26-A4T1U3 1 L T S-1313A27-A4T1U3 1 L V S-1313A28-A4T1U3 1 L U S-1313A2J-A4T1U3 1 L X S-1313A29-A4T1U3 1 L Y S-1313A30-A4T1U3 1 L Z S-1313A31-A4T1U3 1 L 1 S-1313A32-A4T1U3 1 L 2 S-1313A33-A4T1U3 1 L 3 S-1313A34-A4T1U3 1 L 4 S-1313A35-A4T1U3 1 L 5 Product Name Product Code (1) (2) (3) S-1313B10-A4T1U3 1 N A S-1313B11-A4T1U3 1 N B S-1313B12-A4T1U3 1 N C S-1313B13-A4T1U3 1 N D S-1313B14-A4T1U3 1 N E S-1313B15-A4T1U3 1 N F S-1313B16-A4T1U3 1 N G S-1313B17-A4T1U3 1 N H S-1313B18-A4T1U3 1 N J S-1313B1J-A4T1U3 1 N K S-1313B19-A4T1U3 1 N L S-1313B20-A4T1U3 1 N N S-1313B21-A4T1U3 1 N O S-1313B22-A4T1U3 1 N P S-1313B23-A4T1U3 1 N Q S-1313B24-A4T1U3 1 N R S-1313B25-A4T1U3 1 N S S-1313B26-A4T1U3 1 N T S-1313B27-A4T1U3 1 N U S-1313B28-A4T1U3 1 N V S-1313B2J-A4T1U3 1 N X S-1313B29-A4T1U3 1 N Y S-1313B30-A4T1U3 1 N Z S-1313B31-A4T1U3 1 N 1 S-1313B32-A4T1U3 1 N 2 S-1313B33-A4T1U3 1 N 3 S-1313B34-A4T1U3 1 N 4 S-1313B35-A4T1U3 1 N 5 |