công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S24CM01C bảng dữ liệu(PDF) 2 Page - Seiko Instruments Inc

tên linh kiện S24CM01C
Giải thích chi tiết về linh kiện  2-WIRE SERIAL E2PROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CM01C bảng dữ liệu(HTML) 2 Page - Seiko Instruments Inc

  S24CM01C Datasheet HTML 1Page - Seiko Instruments Inc S24CM01C Datasheet HTML 2Page - Seiko Instruments Inc S24CM01C Datasheet HTML 3Page - Seiko Instruments Inc S24CM01C Datasheet HTML 4Page - Seiko Instruments Inc S24CM01C Datasheet HTML 5Page - Seiko Instruments Inc S24CM01C Datasheet HTML 6Page - Seiko Instruments Inc S24CM01C Datasheet HTML 7Page - Seiko Instruments Inc S24CM01C Datasheet HTML 8Page - Seiko Instruments Inc S24CM01C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2-WIRE SERIAL E2PROM
S-24CM01C
Rev.2.0_02_S
2
Pin Configuration
1. 8-Pin SOP (JEDEC)
8-Pin SOP (JEDEC)
Top view
Table 1
7
6
5
8
2
3
4
1
Figure 1
S-24CM01CI-J8T1U4
Pin No
Symbol
Description
1
NC*1
No connection
2
A1
Slave address input
3
A2
Slave address input
4
GND
Ground
5
SDA*2
Serial data I/O
6
SCL*2
Serial clock input
7
WP
Write protect input
Connected to VCC:
Protection valid
Open or connected to GND: Protection invalid
8
VCC
Power supply
*1. Connect to GND or VCC.
*2. Do not use it in high impedance.
Remark Refer to the “Package drawings” for the details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32