| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8972L bảng dữ liệu(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8972L bảng dữ liệu(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 49 page ![]() Preliminary Technical Data WM8972L w PTD Rev 2.2 June 2004 3 PIN CONFIGURATION 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 25 26 27 28 29 30 31 32 OUT2 OPGND ADCLRC MONOOUT DNC DNC OUT- OUT+ CSB MODE INPUT2+ INPUT1+ INPUT1- INPUT2- SDIN SCLK ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8972LEFL -25 °C to +85°C 32-pin QFN (5x5x0.9mm) MSL1 260 oC WM8972LEFL/R -25 °C to +85°C 32-pin QFN (5x5x0.9mm) (tape and reel) MSL1 260 oC WM8972LGEFL -25 °C to +85°C 32-pin QFN (5x5x0.9mm) (lead free) MSL1 260 oC WM8972LGEFL/R -25 °C to +85°C 32-pin QFN (5x5x0.9mm) (lead free, tape and reel) MSL1 260 oC Note: Reel quantity = 3,500 |