| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2453CD bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2453CD bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 45 page ![]() TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005 7 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLV245x 25 °C 300 1500 VIO Input offset voltage TLV245x Full range 2000 V VIO Input offset voltage TLV245xA 25 °C 300 1000 µV TLV245xA Full range 1300 VIO Temperature coefficient of input VDD = ±2.5 V VO = 0, 0.3 V/ °C αVIO Temperature coefficient of input offset voltage VDD = ±2.5 V VIC = 0, VO = 0, RS = 50 Ω 0.3 µV/°C IIO Input offset current VIC = 0, RS = 50 25 °C 0.3 4.5 nA IIO Input offset current Full range 5.5 nA IIB Input bias current 25 °C 0.5 5 nA IIB Input bias current Full range 7 nA VOH High-level output voltage VIC = 2.5 V, IOH = − 500 A 25 °C 4.87 4.97 V VOH High-level output voltage VIC = 2.5 V, IOH = − 500 µA Full range 4.85 V VOL Low-level output voltage VIC = 2.5 V, IOL = 500 A 25 °C 0.07 0.15 V VOL Low-level output voltage VIC = 2.5 V, IOL = 500 µA Full range 0.16 V Sourcing 25 °C 20 32 IOS Short-circuit output current Sourcing Full range 18 mA IOS Short-circuit output current Sinking 25 °C 12 18 mA Sinking Full range 10 IO Output current VO = 0.5 V from rail 25 °C ±10 mA AVD Large-signal differential voltage VO(PP) = 3 V, RL = 10 kΩ 25 °C 96 103 dB AVD Large-signal differential voltage amplification VO(PP) = 3 V, RL = 10 kΩ Full range 91 dB ri(d) Differential input resistance 25 °C 109 Ω CIC Common-mode input capacitance f = 10 kHz 25 °C 4.5 pF zo Closed-loop output impedance f = 10 kHz, AV = 10 25 °C 45 Ω CMRR Common-mode rejection ratio VIC = 0 to 5 V, 25 °C 70 80 dB CMRR Common-mode rejection ratio VIC = 0 to 5 V, RS = 50 Ω TLV245xC Full range 68 dB VDD = 2.7 V to 6 V, VIC = VDD /2, 25 °C 76 89 kSVR Supply voltage rejection ratio VDD = 2.7 V to 6 V, No load VIC = VDD /2, Full range 74 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 3 V to 5 V, VIC = VDD /2, 25 °C 88 106 dB ( VDD / VIO) VDD = 3 V to 5 V, No load VIC = VDD /2, Full range 84 25 °C 23 42 IDD Supply current (per channel) VO = 2.5 V, No load TLV245xC Full range 44 µA IDD Supply current (per channel) VO = 2.5 V, No load TLV245xI Full range 46 µA Supply current in shutdown mode 25 °C 16 70 IDD(SHDN) Supply current in shutdown mode (TLV2450, TLV2453, TLV2455) (per channel) SHDN = −VDD TLV245xC Full range 70 nA IDD(SHDN) (TLV2450, TLV2453, TLV2455) (per channel) SHDN = −VDD TLV245xI Full range 80 nA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. |