| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL32 bảng dữ liệu(PDF) 28 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TL32 bảng dữ liệu(HTML) 28 Page - List of Unclassifed Manufacturers |
|
28 / 31 page ![]() hperry 5/4/01 Rqmt # Description Method Test (if applicable) 12 The simulator will have three types of output. It will: 1. send information to the controller specifying altitude, velocity, and whether there is fuel remaining; Test 13 The simulator will have three types of output. It will: 2. call a graphics package (provided) that will display a representation of the lander as it descends. The simulator must determine the condition of the vehicle using one of four conditions defined in the Graphics Package Interface section (see "vehicle-condition" variable); Test 14 The simulator will have three types of output. It will: 3. write altitude, velocity, thrust and fuel remaining information to a telemetry file using the same format as the simulation in PS8 (plus a fuel remaining column), and write an error message to the telemetry file if the graphics package returns an error condition. Test 15 The simulation will end when the vehicle reaches 0 meters of altitude or goes above its initial altitude. Test (see rqmt 3) 16 Simulation code will interface to the provided graphics package Test Demo 17 The serial interface should be used to continually send data back and forth between the simulation and the controller. Test 17 Data sent from the simulation to the controller shall correspond to the provided interface specification Test 18 Data sent from the controller to the simulation shall correspond to the provided interface specification Test Section 4 - Requirements Traceability (continued) |