công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCMT4100T0 bảng dữ liệu(PDF) 4 Page - Vishay Siliconix

tên linh kiện TCMT4100T0
Giải thích chi tiết về linh kiện  Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT4100T0 bảng dữ liệu(HTML) 4 Page - Vishay Siliconix

  TCMT4100T0 Datasheet HTML 1Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 2Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 3Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 4Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 5Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 6Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 7Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 8Page - Vishay Siliconix TCMT4100T0 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TCMT4100, TCMT4106
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 19-Jan-16
4
Document Number: 84181
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Total Power Dissipation vs. Ambient Temperature
Fig. 5 - Forward Voltage vs. Forward Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
40 / 110 / 21
Comparative tracking index
CTI
175
Maximum rated withstanding isolation voltage
t = 1 min
VISO
3750
VRMS
Maximum transient isolation voltage
VIOTM
6000
V
Maximum repetitive peak isolation voltage
VIORM
707
V
Apparent charge test voltage (method A)
VIORM x 1.6 = VPR, type and sample test,
tm = 60 s, partial discharge < 5 pC
VPR
1132
Vpeak
Apparent charge test voltage (method B)
VIORM x 1.875 = VPR, 100 % production test
with tm = 1 s, partial discharge < 5 pC
VPR
1326
Vpeak
Isolation resistance
VIO = 500 VDC, Tamb = 100 °C
RIO
1011
Isolation resistance (under fault conditions)
VIO = 500 VDC, Tamb = TSI
RIO
109
Output safety power
PSO
265
mW
Input safety current
ISI
130
mA
Input safety temperature
TSI
150
°C
Creepage distance
 5mm
Clearance distance
 5mm
Insulation thickness, reinforced rated
Per IEC 60950 2.10.5.1
DTI
 0.4
mm
0
50
100
150
200
250
300
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR-diode
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = 110 °C
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = -55 °C



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com