công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRF18BE471RS5RB bảng dữ liệu(PDF) 2 Page - Murata Manufacturing Co., Ltd.

tên linh kiện PRF18BE471RS5RB
Giải thích chi tiết về linh kiện  PTC Thermistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RS5RB bảng dữ liệu(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRF18BE471RS5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF18BE471RS5RB from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRF18BE471RS5RB
PRF18BE471RS5RB
Specifications
Max. Voltage
32V
Sensing Temperature
℃
85
Sensing Temperature Tolerance
℃
±3
Measure Condition of Sensing
Temperature
at 4.7k ohm
Sensing Temperature(2)
℃
100
Sensing Temperature (2) Tolerance
℃
±7
Measure Condition of Sensing
Temperature(2)
at 47k ohm
Resistance
℃
(25
)
470Ω
Resistance Value Tolerance (at
℃
25
)
±50%
Operating Temperature Range
-
℃
40
to
℃
150
Size Code (in mm)
1.6x0.8mm
Size Code (in inch)
0.6x0.3inch
Shape
SMD
Mass
0.004g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2017/09/07



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com