công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5101DAP bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TAS5101DAP
Giải thích chi tiết về linh kiện  TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5101DAP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TAS5101DAP Datasheet HTML 6Page - Texas Instruments TAS5101DAP Datasheet HTML 7Page - Texas Instruments TAS5101DAP Datasheet HTML 8Page - Texas Instruments TAS5101DAP Datasheet HTML 9Page - Texas Instruments TAS5101DAP Datasheet HTML 10Page - Texas Instruments TAS5101DAP Datasheet HTML 11Page - Texas Instruments TAS5101DAP Datasheet HTML 12Page - Texas Instruments TAS5101DAP Datasheet HTML 13Page - Texas Instruments TAS5101DAP Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TAS5101
SLES039 – JUNE 2002
11
www.ti.com
THERMAL INFORMATION
The thermally enhanced DAP package is based on the 32-pin HTSSOP, but includes a thermal pad (see
Figure 4) to provide an effective thermal contact between the IC and the PWB.
Traditionally, surface mount and power have been mutually exclusive terms. A variety of scaled-down TO-220
type packages have leads formed as gull wings to make them applicable for surface-mount applications. These
packages, however, have two shortcomings: they do not address the very low profile requirements (<2 mm) of
many of today’s advanced systems, and they do not offer a terminal-count high enough to accommodate
increasing integration. On the other hand, traditional low-power surface-mount packages require
power-dissipation derating that severely limits the usable range of many high-performance analog circuits.
The PowerPAD package (thermally enhanced HTSSOP) combines fine-pitch surface-mount technology with
thermal performance comparable to much larger power packages.
The PowerPAD package is designed to optimize the heat transfer to the PWB. Because of the very small size
and limited mass of a HTSSOP package, thermal enhancement is achieved by improving the thermal
conduction paths that remove heat from the component. The thermal pad is formed using a patented lead-frame
design and manufacturing technique to provide a direct connection to the heat-generating IC. When this pad
is soldered or otherwise thermally coupled to an external heat dissipater, high power dissipation in the ultrathin,
fine-pitch, surface-mount package can be reliably achieved.
DIE
DIE
Thermal
Pad
Side View (a)
End View (b)
Bottom View (c)
Figure 3. Views of Thermally Enhanced DAP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com