| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TA1204AF bảng dữ liệu(PDF) 21 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TA1204AF bảng dữ liệu(HTML) 21 Page - Toshiba Semiconductor |
|
21 / 25 page ![]() TA1204AF 2001-02-07 21/25 PIN / FUNC- TION 1 2 3 4 6 7 8 11 23 24 25 26 27 SW / VR γ-R Cont. A / B Select CP A In CP B In V Inv. Pol In Comm Cent. Comm AMP V0 Cent. R Cutoff Com Cutoff B Cutoff Bright -ness SW A OFF a b b a a OFF OFF OFF OFF OFF OFF OFF SW B a a a a a VR SIG CP2 CP2 PIN / FUNC- TION 28 29 30 32 33 34 36 38 40 42 43 44 SW / VR B Drive Com Drive R Drive B In1 Con -tast G In1 R In1 B In2 G In2 R In2 γ-B Cont. γ-Com Cont. SW A OFF a OFF a tast ON a a ON a OFF OFF SW B OFF OFF OFF OFF OFF OFF Test Condition 5 (clamp, fixed polarity) VR SIG (SIG) (SIG) (SIG) (SIG) (SIG) (SIG) PIN / FUNC- TION 1 2 3 4 6 7 8 11 23 24 25 26 27 SW / VR γ-R Cont. A / B Select CP A In CP B In V Inv. Pol In Comm Cent. Comm AMP V0 Cent. R Cutoff Com Cutoff B Cutoff Bright -ness SW A OFF a b b a a OFF OFF OFF OFF OFF OFF OFF SW B a a a a a VR SIG DC DC PIN / FUNC- TION 28 29 30 32 33 34 36 38 40 42 43 44 SW /VR B Drive Com Drive R Drive B In1 Con- tast G In1 R In1 B In2 G In2 R In2 γ-B Cont. γ-Com Cont. SW A OFF a OFF b a ON b b ON b OFF OFF SW B OFF ON OFF OFF ON OFF Test Condition 6 (VTHcp) VR SIG (SIG) (SIG) (SIG) (SIG) (SIG) (SIG) Note 1: This setup is based on the initial setup condition before starting various measurements. Note 2: Symbols a, b, ON, and OFF show the SW setup. Note 3: The underlined setup shows that it is to be changed when the setup of test condition 1 is specified as default. Note 4: The signal names in the SIG column (CP1, CP2, POL ··· ) show that the specified signals are applied on a fixed basis. (SIG) applies signals to any one pin according to items. |