công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC62WV256PC bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện STC62WV256PC
Giải thích chi tiết về linh kiện  VERY LOW POWER/VOLTAGE CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STC62WV256PC bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STC62WV256PC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 9Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision 2.3
Jan.
2004
6
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
CYCLE TIME : 70ns
MIN.
TYP.
MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
70
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
70
--
--
ns
t
AVWL
t
AS
Address Set up Time
0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
70
--
--
ns
t
WLWH
t
WP
Write Pulse Width
50
--
--
ns
t
WHAX
t
WR
Write Recovery Time
(CE , WE)
0
--
--
ns
t
WLOZ
t
WHZ
Write to Output in High Z
--
--
30
ns
t
DVWH
t
DW
Data to Write Time Overlap
40
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
--
--
ns
t
GHOZ
t
OHZ
Output Disable to Output in High Z
--
--
30
ns
t
WHQX
t
OW
End ot Write to Output Active
5
--
--
ns
AC ELECTRICAL CHARACTERISTICS ( TA =0oC to + 70oC and Vcc=3.0V)
WRITE CYCLE
STC
STC62WV256
R0201-
STC62WV256
WRITE CYCLE1 (1)
t WR
(3)
t CW
(11)
(2)
t WP
t AW
t OHZ
(4,10)
t AS
t DH
t DW
D
IN
D
OUT
WE
CE
OE
ADDRESS
(5)
t WC
SWITCHING WAVEFORMS (WRITE CYCLE)



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com