công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CF5009AL2 bảng dữ liệu(PDF) 11 Page - Nippon Precision Circuits Inc

tên linh kiện CF5009AL2
Giải thích chi tiết về linh kiện  Crystal Oscillator Module ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL2 bảng dữ liệu(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button CF5009AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5009AL2 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—11
5009AH
× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted.
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 2mA
2.2
–
–
V
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 2mA
–
–
0.4
V
HIGH-level input voltage
VIH
INH
2.0
–
–
V
LOW-level input voltage
VIL
INH
–
–
0.3
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
16MHz crystal oscillator
SM5009AH1S
CF5009AH1
–
4.5
10
mA
SM5009AH2S
CF5009AH2
–37
SM5009AH3S
CF5009AH3
SM5009AH4S
CF5009AH4
–
1.5
3.5
INH pull-up resistance
RUP
Measurement cct 4, VDD = 3V, INH = VSS
40
–
200
k
Ω
Negative resistance
−RL
VDD = 3V, Ta = 25°C, 16MHz
–
–450
–
Ω
Feedback resistance
Rf
Measurement cct 5
0.4
–
1.1
M
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 4mA
4.0
–
–
V
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 4mA
–
–
0.4
V
HIGH-level input voltage
VIH
INH
2.0
–
–
V
LOW-level input voltage
VIL
INH
–
–
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
30MHz crystal oscillator
SM5009AH1S
CF5009AH1
–9
20
mA
SM5009AH2S
CF5009AH2
–6
13
SM5009AH3S
CF5009AH3
SM5009AH4S
CF5009AH4
–49
INH pull-up resistance
RUP
Measurement cct 4, VDD = 5V, INH = VSS
40
–
200
k
Ω
Negative resistance
−RL
VDD = 5V, Ta = 25°C, 30MHz
–
–340
–
Ω
Feedback resistance
Rf
Measurement cct 5
0.4
–
1.1
M
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com