| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NAND128R3A0AV1F bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND128R3A0AV1F bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 57 page ![]() NAND128-A, NAND256-A, NAND512-A, NAND01G-A 32/57 Hardware Simulation Models Behavioral simulation models. Denali Software Corporation models are platform independent functional models designed to assist customers in performing entire system simulations (typical VHDL/Verilog). These models describe the logic behavior and timings of NAND Flash devices, and so allow software to be developed before hard- ware. IBIS simulations models. IBIS (I/O Buffer Infor- mation Specification) models describe the behav- ior of the I/O buffers and electrical characteristics of Flash devices. These models provide information such as AC characteristics, rise/fall times and package me- chanical data, all of which are measured or simu- lated at voltage and temperature ranges wider than those allowed by target specifications. IBIS models are used to simulate PCB connec- tions and can be used to resolve compatibility is- sues when upgrading devices. They can be imported into SPICETOOLS. |