| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS94222 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ICS94222 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 19 page ![]() 7 ICS94222 Advance Information This document is confidential and should not be released without written consent from ICS. Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B6 41 ) t c a n I / t c A ( F _ M A R D S 2 t i B9 41 ) t c a n I / t c A ( 1 K L C U P C 1 t i B1 51 ) t c a n I / t c A ( 0 K L C U P C 0 t i B2 51 ) t c a n I / t c A ( F _ K L C U P C Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B8 1 ) t c a n I / t c A ( F K L C I C P 5 t i B6 11 ) t c a n I / t c A ( 5 K L C I C P 4 t i B4 11 ) t c a n I / t c A ( 4 K L C I C P 3 t i B3 11 ) t c a n I / t c A ( 3 K L C I C P 2 t i B2 11 ) t c a n I / t c A ( 2 K L C I C P 1 t i B1 11 ) t c a n I / t c A ( 1 K L C I C P 0 t i B9 1 ) t c a n I / t c A ( 0 K L C I C P Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 0 S F d e h c t a L 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- X # 1 S F d e h c t a L 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- X # 3 S F d e h c t a L 0 t i B- 1 d e v r e s e R Byte 4: Reserved , Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- X # 2 S F d e h c t a L 5 t i B4 51 ) t c a n I / t c A ( F _ C I P A O I 4 t i B5 51 ) t c a n I / t c A ( 0 C I P A O I 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B2 1 ) t c a n I / t c A ( 1 F E R 0 t i B3 1 ) t c a n I / t c A ( 0 F E R Byte 5: Peripheral , Active/Inactive Register (1= enable, 0 = disable) Byte 3: SDRAM, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B9 21 ) t c a n I / t c A ( z H M 8 4 4 t i B0 31 ) t c a n I / t c A ( z H M 4 2 3 t i B , 2 3 , 3 3 4 2 , 5 2 1) t c a n I / t c A ( ) 2 1 : 5 1 ( M A R D S 2 t i B , 1 2 , 2 2 8 1 , 9 1 1) t c a n I / t c A ( ) 8 : 1 1 ( M A R D S 1 t i B , 8 3 , 9 3 5 3 , 6 3 1) t c a n I / t c A ( ) 4 : 7 ( M A R D S 0 t i B , 3 4 , 4 4 0 4 , 1 4 1) t c a n I / t c A ( ) 0 : 3 ( M A R D S T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) e t o N ( d e v r e s e R 6 t i B- 0 ) e t o N ( d e v r e s e R 5 t i B- 0 ) e t o N ( d e v r e s e R 4 t i B- 0 ) e t o N ( d e v r e s e R 3 t i B- 0 ) e t o N ( d e v r e s e R 2 t i B- 1 ) e t o N ( d e v r e s e R 1 t i B- 1 ) e t o N ( d e v r e s e R 0 t i B- 0 ) e t o N ( d e v r e s e R Byte 6: Peripheral , Active/Inactive Register (1= enable, 0 = disable) Note: This is an unused register writing to this register will not affect device performance or functinality. |