| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT4801HWSC bảng dữ liệu(PDF) 9 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT4801HWSC bảng dữ liệu(HTML) 9 Page - Richtek Technology Corporation |
|
9 / 22 page ![]() RT4801H Copyright © 2016 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. DS4801H-00 May 2016 www.richtek.com 9 I 2C Command Slave Address Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 = LSB 1 1 1 0 0 1 1 R/W Write Command (a) Write single byte of data to Register 1 1 1 0 0 1 1 0 Slave ACK Slave Address Register Address R7 R6 R3 R5 R4 R2 R1 R0 Slave ACK Data From Master Start Slave ACK Stop D7 D6 D5 D4 D3 D2 D1 D0 (b) Write multiple bytes of data to Registers 1 1 1 0 0 1 1 0 Slave ACK Slave Address Register Address nth Slave ACK nth Data From Master Start D7 D6 D5 D4 D3 D2 D1 D0 Slave ACK Slave ACK Stop (n + 1)th Data From Master Last Data From Master R7 R6 R3 R5 R4 R2 R1 R0 D7 D6 D5 D4 D3 D2 D1 D0 Slave ACK D7 D6 D5 D4 D3 D2 D1 D0 Read Command (a) Read single byte of data from Register 1 1 1 0 0 1 1 0 Slave ACK Slave Address Register Address 1 1 1 0 0 1 1 1 Slave ACK Slave Address Data From Master Re- start Start Slave ACK D7 D6 D5 D4 D3 D2 D1 D0 Master NACK Stop D7 D6 D5 D4 D3 D2 D1 D0 (b) Read multiple bytes of data from Registers 1 1 1 0 0 1 1 0 Slave ACK 1 1 1 0 0 1 1 1 Slave ACK Slave Address nth Data From Master Master ACK Re- start Start Slave Address Register Address Master NACK Stop Last Data From Master D7 D6 D5 D4 D3 D2 D1 D0 Slave ACK D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 Start : Start command R7 to R0 : Register Address. VOP : Register address = 0X00h VON : Register address = 0X01h DISP : Register address = 0x03h DISN : Register address = 0x03h APPS : Register address = 0x03h R/W : Read active (R/W = H) or Write active (R/W = L) ACK : Acknowledge = L active D7 to D0 : Write data when WRITE command or read data when READ command Stop : Stop command |