| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT4723P bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT4723P bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation |
|
2 / 16 page ![]() RT4723P Copyright © 2016 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. www.richtek.com DS4723P-00 December 2016 2 Pin Configuration (TOP VIEW) VIN PGND C1N C1P VOP LXP VON GND BOOST GND C2N C2P SWIRE PGND GND C1 C2 C3 D3 D1 E1 E2 E3 D2 A1 A2 A3 B3 B1 B2 WL-CSP-15B 1.39x2.07 (BSC) Functional Pin Description Pin No. Pin Name Pin Function A1, C2, D2 GND Ground. A2 VON Negative terminal output. A3 C2N Flying capacitor 2 negative connection. B1 SWIRE Enable and VON voltage setting. B2, E1 PGND Power ground. B3 C2P Flying capacitor 2 positive connection. C1 VIN Power input. C3 C1N Flying capacitor 1 negative connection. D1 LXP Switching node of boost converter. D3 C1P Flying capacitor 1 positive connection. E2 BOOST Output voltage of boost converter. E3 VOP Positive terminal output. |