| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLP2000 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLP2000 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 40 page ![]() 5 DLP2000 www.ti.com DLPS078 – JULY 2017 Product Folder Links: DLP2000 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Pin Functions - Test Pads Electrical Test Pad DLP® System Board A1 Do Not Connect A3 Do Not Connect A5 Do Not Connect A7 Do Not Connect A9 Do Not Connect A11 Do Not Connect A13 Do Not Connect A15 Do Not Connect A17 Do Not Connect A19 Do Not Connect A21 Do Not Connect A23 Do Not Connect A25 Do Not Connect A27 Do Not Connect A29 Do Not Connect A31 Do Not Connect A33 Do Not Connect A35 Do Not Connect A37 Do Not Connect A39 Do Not Connect A41 Do Not Connect B2 Do Not Connect B4 Do Not Connect B6 Do Not Connect B38 Do Not Connect C3 Do Not Connect D4 Do Not Connect E4 Do Not Connect F3 Do Not Connect G2 Do Not Connect G4 Do Not Connect G6 Do Not Connect G38 Do Not Connect H1 Do Not Connect H3 Do Not Connect H5 Do Not Connect H7 Do Not Connect H9 Do Not Connect H11 Do Not Connect H13 Do Not Connect H15 Do Not Connect H17 Do Not Connect H19 Do Not Connect H21 Do Not Connect H23 Do Not Connect H25 Do Not Connect H27 Do Not Connect |