| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C7300A bảng dữ liệu(PDF) 52 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300A bảng dữ liệu(HTML) 52 Page - Pericom Semiconductor Corporation |
|
52 / 109 page ![]() PI7C7300A 3-PORT PCI-TO-PCI BRIDGE ADVANCE INFORMATION Page 52 OF 109 09/25/03 Revision 1.09 ! PI7C7300A sets the data parity detected bit in the secondary status register, if the secondary interface parity error response bit is set in the bridge control register. ! PI7C7300A forwards the bad parity with the data back to the initiator on the primary bus. If the data with the bad parity is pre-fetched and is not read by the initiator on the primary bus, the data is discarded and the data with bad parity is not returned to the initiator. ! PI7C7300A completes the transaction normally. For upstream transactions, when PI7C7300A detects a read data parity error on the primary bus, the following events occur: ! PI7C7300A asserts P_PERR# two cycles following the data transfer, if the primary interface parity error response bit is set in the command register. ! PI7C7300A sets the detected parity error bit in the primary status register. ! PI7C7300A sets the data parity detected bit in the primary status register, if the primary interface parity-error-response bit is set in the command register. ! PI7C7300A forwards the bad parity with the data back to the initiator on the secondary bus. If the data with the bad parity is pre-fetched and is not read by the initiator on the secondary bus, the data is discarded and the data with bad parity is not returned to the initiator. ! PI7C7300A completes the transaction normally. PI7C7300A returns to the initiator the data and parity that was received from the target. When the initiator detects a parity error on this read data and is enabled to report it, the initiator asserts PERR# two cycles after the data transfer occurs. It is assumed that the initiator takes responsibility for handling a parity error condition; therefore, when PI7C7300A detects PERR# asserted while returning read data to the initiator, PI7C7300A does not take any further action and completes the transaction normally. 7.2.3 DELAYED WRITE TRANSACTIONS When PI7C7300A detects a data parity error during a delayed write transaction, the initiator drives data and data parity, and the target checks parity and conditionally asserts PERR#. For delayed write transactions, a parity error can occur at the following times: ! During the original delayed write request transaction ! When the initiator repeats the delayed write request transaction ! When PI7C7300A completes the delayed write transaction to the target When a delayed write transaction is normally queued, the address, command, address parity, data, byte enable bits, and data parity are all captured and a target retry is returned |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |