| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI950 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI950 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 11 page ![]() PCI950 IRQSER DESERIALIZER SCPS015 – JULY 1997 – REVISED JANUARY 1998 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional description (continued) 1234567Figure 1Figure 2Figure 38 IRQ0 INTD – – – Start Frame RR R TT T SS PCLK ACTIVE PCI950 IRQSER DRIVE Stop Frame RT (see Note 9) (see Note 10) PCI950 Legend: R = Recovery S = Sample T = Turnaround NOTES: 9. ACTIVE goes low one clock cycle after the beginning of the PCI950 start pulse. 10. ACTIVE is set high two clock pulses after the PCI950 stop pulse. Figure 4. ACTIVE Output Timing During Quiet Mode ACTIVE Stop Frame RT PCLK STOP Stop Frame RT PCI950 IRQSER DRIVE PCI950 16 Clocks Legend: R = Recovery T = Turnaround (See Notes 11 and 12) NOTES: 11. STOP can only be used to insert idle states in continuous mode. 12. The recommended sequence for using SHUTD is to: A. Assert STOP. B. Ensure that ACTIVE is not asserted. C. Assert SHUTD. Figure 5. Using STOP During Continuous Mode |