công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RAC06-24SC bảng dữ liệu(PDF) 2 Page - Recom International Power

tên linh kiện RAC06-24SC
Giải thích chi tiết về linh kiện  6 Watt Single/Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC06-24SC bảng dữ liệu(HTML) 2 Page - Recom International Power

  RAC06-24SC Datasheet HTML 1Page - Recom International Power RAC06-24SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
1.2ø+0.2/–0.1
2.54
1
2
3
4
10
15
(5)
6.1
45.72
15.65
16.40+0.25
-
-
88
15.65
AWG#22
10 stripped and tinned
1
2
4
3
10.16
Bottom View
50.9 (single)
53.5 (dual)
20.32
Top View
1.0
10.16
10.16
Standoffs = 0.75+0.25
Leave
Clear of
PCB
Traces
(5)
10.16
25.5 (single)
27.8 (dual)
12.75 (single)
13.90 (dual)
50.9 (single)
53.5 (dual)
RAC06-S_DC
Series
POWERLINE
AC/DC-Converter
Specifications (measured at TA 25°C, full load after warm-up)
Pin Connections
Pin #
Single Out
Dual Out
1
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
3
+VDC out
+VDC out
4
-VDC out
Com
5
No Pin
-VDC out
Tolerance
± 0.5 mm
Recommended Footprint Details
PCB Mounting Version (Standard)
Wired Version (Suffix /W)
Wire Connections
Wire
AWG#22
Single Out
Dual Out
Blue
1015
VAC in (N)
VAC in (N)
Brown
1015
VAC in (L)
VAC in (L)
Red
1007
+VDC out
+VDC out
Black
1007
-VDC out
Com
Orange
1007
-VDC out
Package Style and Pinning
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.3V
5V
15V, 24V
9V, 12V
Operating Temperature Range (3)
(free air convection, without derating)
-25°C to +55°C
(free air convection, with derating)
-25°C to +75°C
Storage Temperature Range
-40°C to +100°C
Recommended External Input Fuse
1.5A Slow Blow
Humidity
95% RH max.
Case Material
Plastic Case filled with Epoxy (UL94V-0)
Package Weight
Single/Dual
35g/38g
Packing Quantity
Single Output
10 pcs
Dual Output
9 pcs
/W Version
1 pc
Emissions
CE
EN 55022: 2006 + A1: 2007 / Class B
EMC
EN 55024:1998 + A1:2001 + A2:2003
Harmonics
EN 61000-3-2:2006 / Class A
Flicker
EN 61000-3-3:1995 + A1:2001 +A2:2005
Immunity
ESD
IEC 61000-4-2 / Criterion B
RS
IEC 61000-4-3 / Criterion A
EFT
IEC 61000-4-4 / Criterion B
Surge
IEC 61000-4-5 / Criterion B
CS
IEC 61000-4-6 / Criterion A
PMF
IEC 61000-4-8 / Criterion A
Voltage Variations
IEC 61000-4-11 / Criteria B + C
MTBF (+25°C)
using MIL-HDBK-217F
>400 x 103 hours
(+65°C)
>200 x 103 hours
Certifications:
UL General Safety
Report: E224736
UL-60950-1, 2nd Edition
cUL
Report: E224736
C22.2 No. 60950-1-07, 2nd Edition
EN General Safety
Report: SPCLVD1211033-1
EN-60950-1:2006 + A12:2011
CE
EN55022 Class B
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
±5V
±12V, ±15V
Single Output
Dual Output
Input Voltage Derating Graph
Input Voltage (VAC) Ta=25°C
Safe Operating Area
100%
90%
80%
70%
80
130
180
230
280
90V, 100%
80V, 80%
264V, 100%
Notes:
Note1: Measured @ 230VAC / 50Hz / Ta=25°C with constant resistant mode at full load.
Note2: If used @ 115VAC / 60Hz with full load, max. capacitive load is less, please contact RECOM for
detailed information.
Note3: Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met.
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property.
PA-34
www.recom-power.com
REV: 0/2015



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com