| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RAC04-12SC/W bảng dữ liệu(PDF) 2 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
RAC04-12SC/W bảng dữ liệu(HTML) 2 Page - Recom International Power |
|
2 / 2 page ![]() RAC04-xxxC/W Series POWERLINE AC/DC-Converter Specifications (measured at TA 25°C, nominal input voltage, full load after warm-up) 80 75 70 65 10 20 30 40 50 60 70 80 90 100 Load (%) 80 75 70 65 10 20 30 40 50 60 70 80 90 100 Load (%) 3.3V 5V 12V 24V 3.3V 5V 12V 24V 115VAC 230VAC Input Voltage Derating Graph 70% Input Voltage (VAC) Ta=25°C 80 130 280 180 230 80% 90% 100% 90V, 100% 264V, 100% 80V, 85% Package Quantity 30pcs Physical Dimension (LxWxH) 37.80 x 23.90 x 16.40 mm MTBF 115VAC, 25°C 820 x 10 3 hours 230VAC, 25°C 735 x 10 3 hours 115VAC, 60°C 550 x 10 3 hours 230VAC, 25°C 430 x 10 3 hours EMC Conducted and Radiated EN55022, Class B Noise Immunity EN55024 Safety Standard EN General Safety Report: SPCLVD1310055-1 EN-60950-1, 3rd Edition IEC General Safety CB Report: 1311055-CB IEC-60950-1 2nd Edition UL General Safety Report Number: E224736-A21 UL-60950-1, 2nd Edition CSA C22.2 No. 60950-1-07 Typical Characteristic Efficiency vs Load Package Style and Pinning 1 2 4 3 Bottom View 0.75+0.25 - 16.40+0.25 - 17.78 23.90 5.0 87.00 15.65 37.80 5 10.0 5.0 20.32 AC IN DC OUT RECOM RAC04-12SC/W Input 80-264VAC Output 12V/333mA S R xxxx Pb 17.78 L N + - Wired Connections Wired Color Type Function 1 Brown UL-1015 AWG#22 VAC in (L) 2 Blue UL-1015 AWG#22 VAC in (N) 3 Red UL-1430 AWG#22 +VDC out 4 Black UL-1430 AWG#22 -VDC out Case Tolerance ±0.5mm Unless otherwise specified The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications. www.recom-power.com PA-19 REV: 0/2015 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |