công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GBJ25005 bảng dữ liệu(PDF) 1 Page - Sirectifier Semiconductors

tên linh kiện GBJ25005
Giải thích chi tiết về linh kiện  Single Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIRECTIFIER [Sirectifier Semiconductors]
Trang chủ  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

GBJ25005 bảng dữ liệu(HTML) 1 Page - Sirectifier Semiconductors

  GBJ25005_16 Datasheet HTML 1Page - Sirectifier Semiconductors GBJ25005_16 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ25005 thru GBJ251
FEATURES
* Rating to 1600V PRV
* Ideal for printed circuit board
* Low forward voltage drop, high current capability
* Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
* UL File E310749
MECHANICAL DATA
* Polarity: Symbols molded on body
* Weight: 7 grams
* Mounting position: Any
GBJ25005
GBJ2502
GBJ2504
GBJ2506
GBJ2508
GBJ2512
GBJ2516
VRRM
V
50
200
400
600
800
1200
1600
VRWS
V
35
140
280
420
560
840
1120
VDC
V
50
200
400
600
800
1200
1600
Sirectifier
Single Phase Bridge Rectifiers
Symbol
Characteristics
I(AV)
Maximum Average Forward (With Heatsink Note 2)
Rectified Current
@TC=100oC (Without Heatsink)
Maximum Ratings
25.0
4.2
A
Unit
Dimensions GBJ
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 12.5A DC
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
350
1.05
10
500
A
V
uA
o
o
I
2t
I2t Rating For Fusing (t < 8.3 ms)
510
A2S
CJ
Typical Junction Capacitance Per Element (Note 1)
TSTG
Storage Temperature Range
85
-55 to +150
pF
C
o
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Device Mounted On 300mm x 300mm x 1.6mm Cu Plate Heatsink.
Typical Thermal Resistance (Note 2)
0.6
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +150
C
o
* RoHS compliant
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Số phần tương tự - GBJ25005_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005_1 Datasheet
81Kb / 3P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. 7 - 2
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005_11 Datasheet
253Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005_15 Datasheet
85Kb / 4P
25A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005_15 Datasheet
197Kb / 2P
25Amp Glass Passivated Bridge Rectifiers
More results

Mô tả tương tự - GBJ25005_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
Nanjing International G...
KBPC15005W DGNJDZ-KBPC15005W Datasheet
396Kb / 2P
SINGLE PHASE BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com