| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32TSOP bảng dữ liệu(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
32TSOP bảng dữ liệu(HTML) 4 Page - Maxim Integrated Products |
|
4 / 11 page ![]() Assembly Site: ATK (Amkor, K) Body Size: 8x13.4x0.965 Pin Count: 28 Package Type: TSOP Lead Frame: Stamped Copper C7025 Assembly Information: Lead Finsh: SnPb Plate Mold Compound: Sumitomo 7351T Die Attach: 8361J Epoxy Silverfilled Ablebond Bond Wire / Size: Au / 1.0 mil Moisture Sensitivity (JEDEC J-STD20A) Level 3 Flammability: UL 94-V0 0303 0223 to Date Code Range: Theta JA: Theta JC: OPERATING LIFE DESCRIPTION READPOINT CONDITION QTY FAILS DATE CODE FA# 1000 125C, 7.0 VOLTS 80 0 HIGH VOLTAGE LIFE HRS 0223 1000 125C, 7.0 VOLTS 160 0 HIGH VOLTAGE LIFE HRS 0223 1000 125C, 6.0 VOLTS 77 0 HIGH VOLTAGE LIFE HRS 0303 0 Total: Assembly Site: ATK (Amkor, K) Body Size: 8x20x1.0 Pin Count: 32 Package Type: TSOP Lead Frame: Stamped Copper C7025 Assembly Information: Lead Finsh: SnPb Plate Mold Compound: Sumitomo 7351T Die Attach: 8361J Epoxy Silverfilled Ablebond Bond Wire / Size: Au / 1.0 mil Moisture Sensitivity (JEDEC J-STD20A) Level 3 Flammability: UL 94-V0 0303 0038 to Date Code Range: Theta JA: Theta JC: MOISTURE SENSITIVITY LEVEL 3 DESCRIPTION READPOINT CONDITION QTY FAILS DATE CODE FA# J-STD-020 8 0 ULTRASOUND 0038 24 125C 8 STORAGE LIFE HRS 240 30C/60% R.H. 8 MOISTURE SOAK HRS 3 235C +5/-0C 8 0 CONVECTION REFLOW PASS MIL-STD-883-2009 8 0 EXTERNAL VISUAL J-STD-020 8 0 PRECONDITION U/S 0 Total: OPERATING LIFE DESCRIPTION READPOINT CONDITION QTY FAILS DATE CODE FA# |