công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1026822 bảng dữ liệu(PDF) 7 Page - SICK AG

tên linh kiện 1026822
Giải thích chi tiết về linh kiện  SAFETY LASER SCANNERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

1026822 bảng dữ liệu(HTML) 7 Page - SICK AG

  1026822 Datasheet HTML 1Page - SICK AG 1026822 Datasheet HTML 2Page - SICK AG 1026822 Datasheet HTML 3Page - SICK AG 1026822 Datasheet HTML 4Page - SICK AG 1026822 Datasheet HTML 5Page - SICK AG 1026822 Datasheet HTML 6Page - SICK AG 1026822 Datasheet HTML 7Page - SICK AG 1026822 Datasheet HTML 8Page - SICK AG 1026822 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
S30B-2011DA | S300 Professional
SAFETY LASER SCANNERS
Protective field switching between two S300 with static and dynamic inputs
S300 Professional
1
15
19
7
10
22
18
13
4
2
5
6
20
8
9
21
17
14
3
FE
S300 Professional
1
6
20
10
21
22
18
14
3
FE
5
19
7
8
9
17
13
4
2
90°
0°
–
+
90°
0°
–
+
1/f
1/f
HTL
INC A
k1
k2
k3
C1
+24 V
FE
0 V
C2
k4
K1
K2
H8.1
H2.1
K3
K4
H8.2 H2.2
INC B
HTL
E112697/00/2014-03-06
1)
k2
k1
x1
x1
y1
y1
k4
k3
x2
x2
y2
y2
k4
k3
z2
z2
k2
k1
z1
z1
S300 Professional with S300 Professional in host/guest connection with relays/contactors
Operating mode: with restart interlock and external device monitoring
Dynamic protective field switching by the incremental encoders A and B on the host
Static protective field switching using the control input IN C on the host
The protective fields affect the related OSSDs on host or guest
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, the integration must be dual-channel (x/y paths). Single-channel integration in the control (z
path) is only possible with a single-channel control and taking the risk analysis into account.
S300 Professional in conjunction with relays/contactors
Operating mode: with restart interlock and external device monitoring (EDM)
Protective field switching using control input IN A and IN B
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, the integration must be dual-channel (x/y paths). Single-channel integration in the control (z
path) is only possible with a single-channel control and taking the risk analysis into account.
Recommended accessories
Other models and accessories
www.sick.com/S300_Professional
Brief description
Type
Part no.
Mounting brackets and plates
1 piece, mounting bracket for rear mounting on wall or machine
Mounting kit 1a
2034324
1 piece, mounting bracket for rear mounting on wall or machine with protection of op-
tics hood
Mounting kit 1b
2034325
1 piece, mounting bracket, adjustable lateral axis, only in conjunction with mounting
kit 1a (2034324) or 1b (2034325)
Mounting kit 2
2039302
1 piece, mounting plate, adjustable longitudinal axis, only in conjunction with mount-
ing kit 2 (2039302)
Mounting kit 3
2039303
2017-05-23 16:45:04 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com